전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT46W-TP 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 BAT46W-TP
상세설명  200mW Schottky Diode 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT46W-TP 데이터시트(HTML) 2 Page - Micro Commercial Components

  BAT46W-TP Datasheet HTML 1Page - Micro Commercial Components BAT46W-TP Datasheet HTML 2Page - Micro Commercial Components BAT46W-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT46W
MCC
www.mccsemi.com
Revision:
B
20
13/01/02
TM
Micro Commercial Components
2 of 3
Typical Characteristics


유사한 부품 번호 - BAT46W-TP

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAT46W-7 DIODES-BAT46W-7 Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
BAT46W-7-F DIODES-BAT46W-7-F Datasheet
356Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 14 - 2
BAT46W-7-F DIODES-BAT46W-7-F Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 16 - 2
BAT46W-7-F DIODES-BAT46W-7-F Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
BAT46W-G VISHAY-BAT46W-G Datasheet
85Kb / 4P
   Small Signal Schottky Diode
Rev. 1.0, 25-Feb-13
More results

유사한 설명 - BAT46W-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BAT46W MCC-BAT46W Datasheet
202Kb / 3P
   200mW Schottky Diode 100 Volts
BAT46W MCC-BAT46W_13 Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts High breakdown Voltage
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
BAR43A MCC-BAR43A Datasheet
243Kb / 2P
   200mW SCHOTTKY DIODE
BAR43 MCC-BAR43 Datasheet
164Kb / 2P
   200mW SCHOTTKY DIODE
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
   Schottky Barrier Diode 200mW
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
   Schottky Barrier Diode 200mW
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com