전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3650-L0000 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-3650-L0000
상세설명  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3650-L0000 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3650-L0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-3650-L0000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Mechanical Option Matrix
Mechanical
Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, min. increment 1300 pcs/bag for T-13/4, 1800 pcs/bag for T-1
02
Tape & Reel, straight leads, min. increment 1300 pcs/bag for T-13/4, 1800 pcs/bag for T-1
A1
T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
T-1, Right Angle Housing, even leads, minimum increment 500 psc/bag
B1
T-13/4, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
T-13/4, Right Angle Housing, even leads, minimum increment 500 psc/bag
BJ
T-1, Tape & Reel, straight leads, minimum increment 2000 pcs/bag
EG
Ammo Pack, straight leads in 5 K increment
FH
Devices that require inventory control and 2 Iv bin select
VR
Ammo Pack, crimped leads, min. increment 2 k for T-13/4 and T-1
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Avago repre-
sentative for further clarification/information.


유사한 부품 번호 - HLMP-3650-L0000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3650-C00B2 HP-HLMP-3650-C00B2 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

유사한 설명 - HLMP-3650-L0000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com