전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5791 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5791
상세설명  1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5791 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5791_13 Datasheet HTML 4Page - Analog Devices AD5791_13 Datasheet HTML 5Page - Analog Devices AD5791_13 Datasheet HTML 6Page - Analog Devices AD5791_13 Datasheet HTML 7Page - Analog Devices AD5791_13 Datasheet HTML 8Page - Analog Devices AD5791_13 Datasheet HTML 9Page - Analog Devices AD5791_13 Datasheet HTML 10Page - Analog Devices AD5791_13 Datasheet HTML 11Page - Analog Devices AD5791_13 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5791
Data Sheet
Rev. D | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
VOUT
VREFPS
VREFPF
CLR
RESET
VDD
INV
IOVCC
VCC
LDAC
20
19
18
17
16
15
14
13
12
11
AGND
VSS
VREFNS
SYNC
DGND
VREFNF
SDO
SDIN
SCLK
RFB
AD5791
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INV
Connection to Inverting Input of External Amplifier. See the AD5791 Features section for further details.
2
VOUT
Analog Output Voltage.
3
VREFPS
Positive Reference Sense Voltage Input. A voltage range of 5 V to VDD − 2.5 V can be connected. A unity gain
amplifier must be connected at this pin in conjunction with the VREFPF pin. See the AD5791 Features section for
further details.
4
VREFPF
Positive Reference Force Voltage Input. A voltage range of 5 V to VDD − 2.5 V can be connected. A unity gain
amplifier must be connected at this pin in conjunction with the VREFPS pin. See the AD5791 Features section for
further details.
5
VDD
Positive Analog Supply Connection. A voltage range of 7.5 V to 16.5 V can be connected, VDD should be decoupled
to AGND.
6
RESET
Active Low Reset Logic Input Pin. Asserting this pin returns the AD5791 to its power-on status.
7
CLR
Active Low Clear Logic Input Pin. Asserting this pin sets the DAC register to a user defined value (see Table 13) and
updates the DAC output. The output value depends on the DAC register coding that is being used, either binary
or twos complement.
8
LDAC
Active Low Load DAC Logic Input Pin. This is used to update the DAC register and consequently, the analog
output. When tied permanently low, the output is updated on the rising edge of SYNC. If LDAC is held high during
the write cycle, the input register is updated, but the output update is held off until the falling edge of LDAC. The
LDAC pin should not be left unconnected.
9
VCC
Digital Supply Connection. A voltage range of 2.7 V to 5.5 V can be connected. VCC should be decoupled to DGND.
10
IOVCC
Digital Interface Supply Pin. Digital threshold levels are referenced to the voltage applied to this pin. A voltage in
the range of 1.71 V to 5.5 V can be connected. IOVCC should not be allowed to exceed VCC.
11
SDO
Serial Data Output Pin. Data is clocked out on the rising edge of the serial clock input.
12
SDIN
Serial Data Input Pin. This device has a 24-bit shift register. Data is clocked into the register on the falling edge of
the serial clock input.
13
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can
be transferred at clock rates of up to 35 MHz.
14
SYNC
Active Low Digital Interface Synchronization Input Pin. This is the frame synchronization signal for the input data.
When SYNC is low, it enables the input shift register, and data is then transferred in on the falling edges of the
following clocks. The input shift register is updated on the rising edge of SYNC.
15
DGND
Ground Reference Pin for Digital Circuitry.
16
VREFNF
Negative Reference Force Voltage Input. A voltage range of VSS + 2.5 V to 0 V can be connected. A unity gain
amplifier must be connected at this pin, in conjunction with the VREFNS pin. See the AD5791 Features section for
further details.
17
VREFNS
Negative Reference Sense Voltage Input. A voltage range of VSS + 2.5 V to 0 V can be connected. A unity gain
amplifier must be connected at this pin, in conjunction with the VREFNF pin. See the AD5791 Features section for
further details.
18
VSS
Negative Analog Supply Connection. A voltage range of −16.5 V to −2.5 V can be connected. VSS should be
decoupled to AGND.
19
AGND
Ground Reference Pin for Analog Circuitry.
20
RFB
Feedback Connection for External Amplifier. See the AD5791 Features section for further details.


유사한 부품 번호 - AD5791_13

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5791 AD-AD5791_18 Datasheet
915Kb / 27P
   Voltage Output DAC
More results

유사한 설명 - AD5791_13

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
AD7676ASTZ AD-AD7676ASTZ Datasheet
348Kb / 20P
   16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
REV. B
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com