전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTUD16450GX 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FSTUD16450GX
상세설명  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16450GX 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FSTUD16450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 9Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 10Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


유사한 부품 번호 - FSTUD16450GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTUD16450GX FAIRCHILD-FSTUD16450GX Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results

유사한 설명 - FSTUD16450GX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com