전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8615 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8615
상세설명  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8615 데이터시트(HTML) 1 Page - Analog Devices

  AD8615_08 Datasheet HTML 1Page - Analog Devices AD8615_08 Datasheet HTML 2Page - Analog Devices AD8615_08 Datasheet HTML 3Page - Analog Devices AD8615_08 Datasheet HTML 4Page - Analog Devices AD8615_08 Datasheet HTML 5Page - Analog Devices AD8615_08 Datasheet HTML 6Page - Analog Devices AD8615_08 Datasheet HTML 7Page - Analog Devices AD8615_08 Datasheet HTML 8Page - Analog Devices AD8615_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, 20 MHz, CMOS, Rail-to-Rail
Input/Output Operational Amplifiers
AD8615/AD8616/AD8618
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 65 μV maximum
Single-supply operation: 2.7 V to 5.0 V
Low noise: 8 nV/√Hz
Wide bandwidth: >20 MHz
Slew rate: 12 V/μs
High output current: 150 mA
No phase reversal
Low input bias current: 1 pA
Low supply current: 2 mA
Unity-gain stable
APPLICATIONS
Barcode scanners
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifiers
Audio
Photodiode amplification
GENERAL DESCRIPTION
The AD8615/AD8616/AD8618 are single/dual/quad, rail-to-
rail, input and output, single-supply amplifiers featuring very
low offset voltage, wide signal bandwidth, and low input voltage
and current noise. The parts use a patented trimming technique
that achieves superior precision without laser trimming. The
AD8615/AD8616/ AD8618 are fully specified to operate from
2.7 V to 5 V single supplies.
The combination of >20 MHz bandwidth, low offset, low noise,
and low input bias current makes these amplifiers useful in a
wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. AC applications benefit from
the wide bandwidth and low distortion. The AD8615/AD8616/
AD8618 offer the highest output drive capability of the DigiTrim®
family, which is excellent for audio line drivers and other low
impedance applications.
Applications for the parts include portable and low powered
instrumentation, audio amplification for portable devices,
portable phone headsets, bar code scanners, and multipole
filters. The ability to swing rail-to-rail at both the input and
output enables designers to buffer CMOS ADCs, DACs, ASICs,
and other wide output swing devices in single-supply systems.
PIN CONFIGURATIONS
AD8615
TOP VIEW
(Not to Scale)
OUT 1
V– 2
+IN 3
V+
–IN
5
4
Figure 1. 5-Lead TSOT-23 (UJ-5)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8616
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8616
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
AD8618
TOP VIEW
(Not to Scale)
OUT A
OUT D
–IN A
–IN D
+IN A
+IN D
V+
V–
+IN B
+IN C
–IN B
–IN C
14
8
1
7
OUT B
OUT C
Figure 4. 14-Lead TSSOP (RU-14)
AD8618
TOP VIEW
(Not to Scale)
OUT A 1
OUT D
14
–IN A 2
–IN D
13
+IN A 3
+IN D
12
V+ 4
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
Figure 5. 14-Lead SOIC (R-14)
The AD8615/AD8616/AD8618 are specified over the extended
industrial temperature range (−40°C to +125°C). The AD8615
is available in 5-lead TSOT-23 package. The AD8616 is available
in 8-lead MSOP and narrow SOIC surface-mount packages; the
MSOP version is available in tape and reel only. The AD8618 is
available in 14-lead SOIC and TSSOP packages.


유사한 부품 번호 - AD8615_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

유사한 설명 - AD8615_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com