전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT16244DLR 데이터시트(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

부품명 74ACT16244DLR
상세설명  Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
홈페이지  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

74ACT16244DLR 데이터시트(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  74ACT16244DLR Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54ACT16244, 74ACT16244
16-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCAS116B – MARCH 1990 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs Are TTL-Voltage Compatible
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic Shrink
Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages, and 380-mil
Fine-Pitch Ceramic Flat (WD) Packages
Using 25-mil Center-to-Center Pin Spacings
description
The SN54ACT16244 and 74ACT16244 are 16-bit
buffers/line
drivers
designed
specifically
to
improve both the performance and density of
3-state memory address drivers, clock drivers,
and bus-oriented receivers and transmitters.
They can be used as four 4-bit buffers, two 8-bit
buffers, or one 16-bit buffer. The devices provide
true outputs and symmetrical OE (active-low)
output-enable inputs.
The 74ACT16244 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The SN54ACT16244 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The 74ACT16244 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
SN54ACT16244 . . . WD PACKAGE
74ACT16244 . . . DGG OR DL PACKAGE
(TOP VIEW)


유사한 부품 번호 - 74ACT16244DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT16244DLR TI-74ACT16244DLR Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74ACT16244DLRG4 TI-74ACT16244DLRG4 Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ACT16244DLR

제조업체부품명데이터시트상세설명
logo
Micross Components
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
   All inputs and outputs are TTL compatible
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
   All inputs and outputs are TTL-compatible
logo
STMicroelectronics
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
   IMPROVED LATCH-UP IMMUNITY
February 2003
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Cree, Inc
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com