전자부품 데이터시트 검색엔진 |
|
HCPL-M601 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-M601 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 11 page 2 The SO-5 JEDEC registered (MO-155) package outline does not require “through holes” in a PCB. This package occupies approximately one fourth the footprint area of the standard dual-in-line package. The lead profile is de- signed to be compatible with standard surface mount processes. The HCPL-M600/01/11 optically coupled gates combine a GaAsP light emitting diode and an integrated high gain photon detector. The output of the detector I.C. is an Open-collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 5,000 V/μs for the HCPL-M601, and 10,000 V/μs for the HCPL-M611. This unique design provides maximum ac and dc circuit isolation while achieving TTL compatibility. The opto- coupler ac and dc operational parameters are guaran- teed from -40°C to 85°C allowing trouble free system performance. The HCPL-M600/01/11 are suitable for high speed logic interfacing, input/output buffering, as line receivers in environments that conventional line receivers cannot tolerate, and are recommended for use in extremely high ground or induced noise environments. Ordering Information HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Gull Wing Tape& Reel UL 5000 Vrms/ 1 Minute rating IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant Non RoHS Compliant HCPL-M600 -000E No option SO-5 X 100 per tube -500E #500 X X 1500 per reel HCPL-M601 HCPL-M611 -000E No option SO-5 X 100 per tube -500E #500 X X 1500 per reel -560E - X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the op- tion column to form an order entry. Combination of Option 020 and Option 060 is not available. Example 1: HCPL-M600-500E to order product of Surface Mount SO-5 package in Tape and Reel packaging with RoHS compliant. Example 2: HCPL-M601 to order product of Surface Mount SO-5 package in tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |
유사한 부품 번호 - HCPL-M601 |
|
유사한 설명 - HCPL-M601 |