전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CM26-X10DD 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CM26-X10DD
상세설명  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM26-X10DD 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM26-X10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Intensity Bin Limit Table
Intensity(mcd)at20mA
Bin
Min
Max
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
500
T
500
00
U
00
400
V
400
5500
W
5500
700
X
700
900
Y
900
1000
Z
1000
16000
1
16000
1000
Toleranceforeachbinlimitis±15%.
Blue Color Bin Table
Bin
MinDom
MaxDom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440
0.097
0.1766
0.0966
0.1818
0.0904
0.174
0.074

464.0
468.0
0.174
0.074
0.1699
0.106
0.1766
0.0966
0.191
0.0495

468.0
47.0
0.191
0.0495
0.1616
0.109
0.1699
0.106
0.1187
0.0671
4
47.0
476.0
0.1187
0.0671
0.1517
0.14
0.1616
0.109
0.106
0.0945
5
476.0
480.0
0.106
0.0945
0.197
0.178
0.1517
0.14
0.091
0.17
Toleranceforeachbinlimitis±0.5nm.
Cyan Color Bin Table
Bin
MinDom
MaxDom
Xmin
Ymin
Xmax
Ymax
1
490.0
495.0
0.0454
0.945
0.1164
0.889
0.118
0.06
0.05
0.417

495.0
500.0
0.045
0.417
0.1057
0.4769
0.1164
0.889
0.008
0.584

500.0
505.0
0.008
0.584
0.107
0.5584
0.1057
0.4769
0.009
0.6548
4
505.0
510.0
0.009
0.6548
0.1097
0.651
0.107
0.5584
0.019
0.750
7
498.0
50.0
0.01
0.488
0.108
0.57
0.109
0.4417
0.0040
0.6104
8
50.0
508.0
0.0040
0.6104
0.1056
0.6007
0.108
0.57
0.0080
0.715
Toleranceforeachbinlimitis±0.5nm.
Green Color Bin Table
Bin
MinDom
MaxDom
Xmin
Ymin
Xmax
Ymax
1
50.0
54.0
0.074
0.88
0.1856
0.6556
0.1650
0.6586
0.1060
0.89

54.0
58.0
0.1060
0.89
0.068
0.646
0.1856
0.6556
0.187
0.8148

58.0
5.0
0.187
0.8148
0.7
0.644
0.068
0.646
0.170
0.7965
4
5.0
56.0
0.170
0.7965
0.469
0.61
0.7
0.644
0.00
0.7764
5
56.0
540.0
0.00
0.7764
0.659
0.6070
0.469
0.61
0.96
0.754
Toleranceforeachbinlimitis±0.5nm.


유사한 부품 번호 - HLMP-CM26-X10DD

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CM26-X10XX HP-HLMP-CM26-X10XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM26-X10XX AVAGO-HLMP-CM26-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

유사한 설명 - HLMP-CM26-X10DD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com