전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CM15-WXBDD 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CM15-WXBDD
상세설명  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM15-WXBDD 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM15-WXBDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Absolute Maximum Ratings at TA= 25°C
Parameter
Value
Units
DC Forward Current [1]
30
mA
Peak Forward Current
100
mA
Power Dissipation
Blue
Green / Cyan
111
117
mW
Reverse Voltage (IR= 100 µA)
5
V
LED Junction Temperature
130
°C
Operating Temperature Range
-40 to +80
°C
Storage Temperature Range
-40 to +100
°C
Note:
1. Derate linearly as shown in Figure 4 for temperatures above 50°C.
2. Duty Factor 10%, 1kHz
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Blue
Green / Cyan
VF
3.
3.
3.7
3.9
V
IF= 0 mA
Reverse Voltage
VR
5
IR = 100 µA
Peak Wavelength
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
lpeak
470
54
50
nm
Peak of Wavelength of
Spectral Distribution at IF = 0 mA
Spectral Halfwidth
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
Dl1/
35
47
35
nm
Wavelength Width at Spectral Power
Point at IF = 0 mA
Capacitance
Blue/ Green
Cyan
C
43
40
pF
VF = 0, F = 1 MHz
Luminous Efficacy
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
ηv
75
50
350
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Thermal Resistance
RqJ-PIN
40
°C/W
LED Junction-to-Cathode Lead
Notes:
1. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
2. The radiant intensity, le in watts per steradian, may be found from the equation le = IV/hV, where Iv is the luminous intensity in candelas and hV is
the luminous efficacy in lumens/watt.


유사한 부품 번호 - HLMP-CM15-WXBDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-WXBXX AVAGO-HLMP-CM15-WXBXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

유사한 설명 - HLMP-CM15-WXBDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com