전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD5N60C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQD5N60C
상세설명  N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N60C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQD5N60C Datasheet HTML 1Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 2Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 3Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 4Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 5Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 6Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 7Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 8Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD
, Source-Drain voltage [V]
04
8
12
16
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
※ Note : I
D
= 4.5A
Q
G, Total Gate Charge [nC]
024
68
10
0
1
2
3
4
5
6
V
GS = 20V
V
GS = 10V
※ Note : T
J
= 25℃
I
D
, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
0
200
400
600
800
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
2468
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
o
C
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
www.fairchildsemi.com
©20
03 Fairchild Semiconductor Corporation
FQD5N60C / FQU5N60C Rev. C0


유사한 부품 번호 - FQD5N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
615Kb / 9P
   600V N-Channel MOSFET
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTF FAIRCHILD-FQD5N60CTF Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTM FAIRCHILD-FQD5N60CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results

유사한 설명 - FQD5N60C

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
logo
MagnaChip Semiconductor...
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
   N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com