전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CM37-X10DD 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CM37-X10DD
상세설명  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM37-X10DD 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM37-X10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 6. Spatial radiation pattern for Cx11 and Cx12
Figure 7. Spatial radiation pattern for Cx26 and Cx27
Figure 8. Spatial radiation pattern for Cx36 and Cx37
1
0
ANGULARDISPLACEMENT–DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULARDISPLACEMENT–DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULARDISPLACEMENT–DEGREES
0.5
-90
-60
0
-30
30
60
90


유사한 부품 번호 - HLMP-CM37-X10DD

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CM37-X10XX HP-HLMP-CM37-X10XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM37-X10XX AVAGO-HLMP-CM37-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

유사한 설명 - HLMP-CM37-X10DD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com