전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE23-VWCDD 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CE23-VWCDD
상세설명  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE23-VWCDD 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE23-VWCDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWCDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 1. Relative intensity vs. wavelength.
Figure 2 : Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient temperature.
Figure 5. Color vs. forward current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Green
Blue
Cyan
0
5
10
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE - V
Green/ Cyan
Blue
0
1.5
0.5
IF- FORWARD CURRENT - mA
30
1.0
10
25
20
0
5
15
0
0
TA - AMBIENT TEMPERATURE - oC
40
80
40
35
25
15
10
20
60
100
5
20
30
Figure 6. Spatial radiation pattern – 15° lamps.
Figure 8. Spatial radiation pattern – 30° lamps.
Figure 7. Spatial radiation pattern – 23° lamps.
0
ANGULAR DISPLACEMENT - DEGREES
0.8
0.6
0.2
-30
0.4
10
20
-20
-10
0
3 0
0.9
0.7
0.5
0.3
0.1
1.0
0
ANGLE - DEGREES
0.5
-30
0
30
50
-50
10
-20
-10
20
-40
40
0
ANGULAR DISPLACEMENT - DEGREES
0.8
0.6
0.2
-40
0.4
10
20
-20
-10
0
40
0.9
0.7
0.5
0.3
0.1
-30
30
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
0
5
10
15
20
25
30
35
DC FORWARD CURRENT - mA
Blue
Cyan
Green


유사한 부품 번호 - HLMP-CE23-VWCDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE23-VWCXX AVAGO-HLMP-CE23-VWCXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

유사한 설명 - HLMP-CE23-VWCDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com