전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE23-VWQDD 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CE23-VWQDD
상세설명  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE23-VWQDD 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE23-VWQDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE23-VWQDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Color Bin Limits (nm at 20 mA)
Blue
Color Range (nm)
Bin ID
Min.
Max.
1
460.0
464.0

464.0
468.0
3
468.0
47.0
4
47.0
476.0
5
476.0
480.0
Tolerance for each bin limit is ± 0.5 nm.
Green
Color Range (nm at 20mA)
Bin ID
Min.
Max.
1
50.0
54.0

54.0
58.0
3
58.0
53.0
4
53.0
536.0
5
536.0
540.0
Tolerance for each bin limit is ± 0.5 nm.
Cyan
Color Range (nm)
Bin ID
Min.
Max.
1

495
500
3
500
505
4
505
510
7
498
503
8
503
508
Tolerance for each bin limit is ± 0.5 nm
Intensity Bin Limits
Bin Name
Min.
Max.
K
310
400
L
400
50
M
50
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
500
T
500
300
U
300
400
V
400
5500
W
5500
700
X
700
9300
Y
9300
1000
Z
1000
16000
Tolerance for each intensity bin limit is ± 15%.
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representatives for further information.
Relative Light Output vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120
140
TJ - JUNCTION TEMPERATURE -°C
Green
Blue
Cyan


유사한 부품 번호 - HLMP-CE23-VWQDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE23-VWQXX AVAGO-HLMP-CE23-VWQXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

유사한 설명 - HLMP-CE23-VWQDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com