전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0701 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0701
상세설명  Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0701 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0701 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0701 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Switching Specifications (AC)
Over recommended operating conditions (TA = 0 to 70°C), VCC = 5 V, unless otherwise specified.
Parameter
Sym.
Device
Min.
Typ.**
Max.
Units
Test Conditions
Fig.
Note
TA =25°C
Propagation
tPHL
6N139
5
25*
30
s
IF = 0.5 mA,
5, 6,
2, 4
Delay Time
HCPL-0701
Rl = 4.7 k
7, 9,
to Logic Low
HCNW139
12
6N139
0.2
1*
2
s
IF = 12 mA,
HCPL-0701
Rl = 270
HCNW139
11
6N138
1.6
10*
15
s
IF = 1.6 mA,
HCPL-0700
Rl = 2.2 k
HCNW138
11
Propagation
tPLH
6N139
18
60*
90
s
IF = 0.5 mA,
5, 6,
2, 4
Delay Time
HCPL-0701
Rl = 4.7 k
7, 9,
to Logic High
HCNW139
115
12
6N139
2
7*
10
s
IF = 12 mA,
HCPL-0701
Rl = 270
HCNW139
11
6N138
10
35*
50
s
IF = 1.6 mA,
HCPL-0700
Rl = 2.2 k
HCNW138
70
Common Mode
|CMH|
1000
10000
V/
s
IF = 0 mA,
13
5, 6
Transient
TA = 25°C
Immunity at
Rl = 2.2 k
Logic High
|VCM| = 10
Output
Vp-p
Common Mode
|CML|
1000
10000
V/
s
IF = 1.6 mA,
13
5, 6
Transient
TA = 25°C
Immunity at
Rl = 2.2 k
Logic Low
|VCM| = 10
Output
Vp-p
* JEDEC Registered Data for 6N139 and 6N138.
**All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
at Output
at Output


유사한 부품 번호 - HCPL-0701

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

유사한 설명 - HCPL-0701

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com