전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-788J 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-788J
상세설명  Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-788J 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-788J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
DC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of V
IN+
= 0, V
IN-
= 0 V, V
REF
=
4.0 V, V
DD1
= V
DD2
= 5 V and T
A
= 25°C; all Minimum/Maximum specifications are within the Recommended Operating
Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
Fig.
Note
Input Offset
Voltage
V
OS
-3
0
3
mV
V
IN+
= 0 V,
T
A
= –40°C to +85°C
3, 4,
5
6
Magnitude of Input
Offset Change vs.
Temperature
|ΔV
OS
/ΔT
A
|
1
10
μV/°C
V
IN+
= 0 V,
T
A
= –40°C to +85°C
7
V
OUT
Gain
G
V
REF
/504
mV - 3%
V
REF
/504
mV
V
REF
/504
mV + 3%
V/V
|V
IN+
| < 200 mV,
T
A
= 25°C
6,7,
8,9
V
OUT
Gain
G
V
REF
/504
mV - 5%
V
REF
/504
mV
V
REF
/504
mV + 5%
V/V
|V
IN+
| < 200 mV,
T
A
= –40°C to +85°C
6,7,
8,9
Magnitude of V
OUT
Gain Change vs.
Temperature
|ΔG/ΔT
A
|
50
300
ppm/°C
|V
IN+
| < 200 mV,
T
A
= –40°C to +85°C
6,7,
8,9
8
V
OUT
200 mV
Nonlinearity
NL
200
0.06
0.4
%
|V
IN+
| < 200 mV,
T
A
= –40°C to +85°C
6,7,
8,9
Maximum Input
Voltage Before
V
OUT
Clipping
|V
IN+
|
MAX
256
mV
FAULT Detection
Threshold
|V
THF
|
230
256
280
mV
10
9
FAULT Low
Output Voltage
V
OLF
350
800
mV
I
OL
= 4 mA
FAULT High
Output Current
I
OHF
0.2
15
μA
V
FAULT
= V
DD2
ABSVAL Output
Error
e
ABS
0.6
2
% of
full scale
output
11
10
Input Supply
Current
I
DD1
10.7
20
mA
Output Supply
Current
I
DD2
10.4
20
mA
Reference Voltage
Input Current
I
VREF
0.26
1
mA
Input Current
I
IN+
-350
nA
V
IN+
= 0 V
Input Resistance
R
IN
800
V
IN+
= 0 V
V
OUT
Output
Resistance
R
OUT
0.2
Ω
ABSVAL Output
Resistance
R
ABS
0.3
Ω
Input DC Common-
Mode Rejection
Ratio
CMRR
IN
85
dB
11


유사한 부품 번호 - HCPL-788J

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-788J HP-HCPL-788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Agilent(Hewlett-Packard...
HCPL-788J500 HP-HCPL-788J500 Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
More results

유사한 설명 - HCPL-788J

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com