전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD5N60NZTM 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD5N60NZTM
상세설명  N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N60NZTM 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD5N60NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
FDD5N60NZ Rev. C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5N60NZ
FDD5N60NZ
D-PAK
380mm
16mm
2500
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250A, VGS = 0V, TJ = 25
oC
600
-
-
V
BV
DSS
T
J
Breakdown Voltage Temperature
Coefficient
ID = 250A, Referenced to 25
oC-
0.6
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
-
-
50
A
VDS = 480V, TC = 125
oC-
-
100
IGSS
Gate to Body Leakage Current
VGS = ±25V, VDS = 0V
-
-
±10
A
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250A3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 2.0A
-
1.65
2.00
gFS
Forward Transconductance
VDS = 20V, ID = 2.0A
-
5
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
450
600
pF
Coss
Output Capacitance
-
50
65
pF
Crss
Reverse Transfer Capacitance
-
5
7.5
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V, ID = 4.0A
VGS = 10V
(Note 4)
-10
13
nC
Qgs
Gate to Source Gate Charge
-
2.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 4.0A
VGS = 10V, RG = 25
(Note 4)
-15
40
ns
tr
Turn-On Rise Time
-
20
50
ns
td(off)
Turn-Off Delay Time
-
35
80
ns
tf
Turn-Off Fall Time
-
20
50
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
4.0
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
16
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 4.0A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 4.0A
dIF/dt = 100A/s
-
230
-
ns
Qrr
Reverse Recovery Charge
-
0.9
-
C
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 27mH, IAS = 4.0A, VDD = 50V, RG = 25, Starting TJ = 25C
3. ISD 4.0A, di/dt  200A/s, VDD  BVDSS, Starting TJ = 25C
4. Essentially Independent of Operating Temperature Typical Characteristics


유사한 부품 번호 - FDD5N60NZTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD5N60NZTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
   MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD7N25LZTM FAIRCHILD-FDD7N25LZTM Datasheet
329Kb / 8P
   N-Channel UniFET MOSFET
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
   N-Channel UniFET MOSFET 300 V, 14 A, 290 m
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com