전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78T15TU 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 KA78T15TU
상세설명  3-Terminal 3A Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78T15TU 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  KA78T15TU Datasheet HTML 1Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 2Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 3Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 4Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 5Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 6Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 7Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KA78TXX
5
Typical Application
Notes:
1. To specify an output voltage, substitute voltage value for “XX”.
2. Bypass Capacitors are recommend for optimum stability and transient response and should be located as close as possible
to the regulator
KA78TXX
INPUT
OUTPUT
3
2
1
0.33 µF
0. 1
µF


유사한 부품 번호 - KA78T15TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78T15 FAIRCHILD-KA78T15 Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15 FAIRCHILD-KA78T15 Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results

유사한 설명 - KA78T15TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com