전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-540K 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-540K
상세설명  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-540K 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-540K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
MIL-PRF-38534 Class H, Class K, and DLA SMD Test Program
the amount of time required for a system’s output to
change from a Logic 1 to a Logic 0, when given a stimulus
at the input (see Figure 5).
When tPLH and tPHL differ in value, pulse width distortion
results. Pulse width distortion is defined as |tPHL- tPLH| and
determines the maximum data rate capability of a dis-
tortion-limited system. Maximum pulse width distortion
on the order of 25-35% is typically used when specifying
the maximum data rate capabilities of systems. The exact
figure depends on the particular application (RS-232,
PCM, T-1, etc.).
These high performance optocouplers offer the advan-
tages of specified propagation delay (tPLH, tPHL), and pulse
width distortion (|tPLH-t PHL|) over temperature and power
supply voltage ranges.
Figure 13. Recommended HCPL-5400 interface circuit
Applications
GND
VCC
HCPL-5400
226
Ω
VCC1 = +5 V
TTL
LSTTL
STTL
HCMOS
TOTEM
POLE
OUTPUT GATE
(e.g. 54AS1000)
DATA
OUT
2
DATA
IN
1
GND 2
Y
0.1
μF
274
Ω
30 pF
A
GND 1
Y = A
VCC2 = 5 V
Figure 14. Alternative HCPL-5400 interface circuit
GND
VCC
HCPL-5400
464
Ω
VCC1 = +5 V
TTL
LSTTL
STTL
OPEN
COLLECTOR
OUTPUT
GATE
(e.g. 54S05)
DATA
OUT
2
DATA
IN
1
GND 2
Y
0.1
μF
A
GND 1
Y = A
VCC2 = 5 V
STTL
Avago Technologies’ Hi-Rel Optocouplers are in compli-
ance with MIL-PRF-38534 Classes H and K. Class H and
Class K devices are also in compliance with DLA drawings
5962-89570, and 5962-89571.
Testing consists of 100% screening and quality confor-
mance inspection to MIL-PRF-38534.
Data Rate and Pulse-Width Distortion Definitions
Propagation delay is a figure of merit which describes the
finite amount of time required for a system to translate in-
formation from input to output when shifting logic levels.
Propagation delay from low to high (tPLH) specifies the
amount of time required for a system’s output to change
from a Logic 0 to a Logic 1, when given a stimulus at the
input. Propagation delay from high to low (tPHL) specifies


유사한 부품 번호 - HCPL-540K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540K HP-HCPL-540K Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-540K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com