전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2PB709BSL 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 2PB709BSL
상세설명  50 V, 200 mA PNP general-purpose transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709BSL 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 2PB709BSL Datasheet HTML 2Page - NXP Semiconductors 2PB709BSL Datasheet HTML 3Page - NXP Semiconductors 2PB709BSL Datasheet HTML 4Page - NXP Semiconductors 2PB709BSL Datasheet HTML 5Page - NXP Semiconductors 2PB709BSL Datasheet HTML 6Page - NXP Semiconductors 2PB709BSL Datasheet HTML 7Page - NXP Semiconductors 2PB709BSL Datasheet HTML 8Page - NXP Semiconductors 2PB709BSL Datasheet HTML 9Page - NXP Semiconductors 2PB709BSL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2PB709BRL_2PB709BSL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 June 2010
6 of 13
NXP Semiconductors
2PB709BRL; 2PB709BSL
50 V, 200 mA PNP general-purpose transistors
VCE = −10 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 6.
2PB709BSL: DC current gain as a function of
collector current; typical values
Fig 7.
2PB709BSL: Collector current as a function of
collector-emitter voltage; typical values
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 8.
2PB709BSL: Collector-emitter saturation voltage as a function of collector current; typical values
006aac460
200
400
600
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(3)
(2)
VCE (V)
0.0
−10.0
−8.0
−4.0
−6.0
−2.0
006aac461
−0.04
−0.08
−0.12
IC
(A)
0.0
IB (mA) = −0.75
−0.7
−0.65
−0.55
−0.45
−0.35
−0.25
−0.15
−0.05
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
006aac462
IC (mA)
−10−1
−103
−102
−1
−10
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)


유사한 부품 번호 - 2PB709BSL

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
2PB709BSL NEXPERIA-2PB709BSL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
More results

유사한 설명 - 2PB709BSL

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
   50 V, 500 mA PNP general-purpose transistors
3 January 2022
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
logo
Nexperia B.V. All right...
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
logo
NXP Semiconductors
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807W-Q_SER NEXPERIA-BC807W-Q_SER Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com