전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7563SDGST 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7563SDGST
상세설명  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM3-MM SON
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563SDGST 데이터시트(HTML) 1 Page - Texas Instruments

  DAC7563SDGST Datasheet HTML 1Page - Texas Instruments DAC7563SDGST Datasheet HTML 2Page - Texas Instruments DAC7563SDGST Datasheet HTML 3Page - Texas Instruments DAC7563SDGST Datasheet HTML 4Page - Texas Instruments DAC7563SDGST Datasheet HTML 5Page - Texas Instruments DAC7563SDGST Datasheet HTML 6Page - Texas Instruments DAC7563SDGST Datasheet HTML 7Page - Texas Instruments DAC7563SDGST Datasheet HTML 8Page - Texas Instruments DAC7563SDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DAC756x
DAC816x
DAC856x
(12-Bit)
(14-Bit)
(16-Bit)
Data Buffer A
DAC Register A
Buffer Control
Register Control
Control Logic
Power-
Down
Control
Logic
AV
DD
V
REFIN
REFOUT
/
V
CLR
LDAC
2.5-V
Reference
Data Buffer B
DAC Register B
V
B
OUT
V
A
OUT
GND
DAC
DAC
Input Control Logic
SYNC
SCLK
D
IN
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
DAC WITH 2.5-V, 4-PPM/°C INTERNAL REFERENCE IN SMALL 3-MM × 3-MM SON
Check for Samples: DAC8562, DAC8563, DAC8162, DAC8163, DAC7562, DAC7563
1
FEATURES
DESCRIPTION
The DAC856x, DAC816x, and DAC756x are low-
23
Relative Accuracy:
power, voltage-output, dual-channel, 16-, 14-, and 12-
DAC856x (16-Bit): 4 LSB INL
bit digital-to-analog converters (DACs), respectively.
DAC816x (14-Bit): 1 LSB INL
These devices include a 2.5-V, 4-ppm/°C internal
reference, giving a full-scale output voltage range of
DAC756x (12-Bit): 0.3 LSB INL
2.5 V or 5 V. The internal reference has an initial
Glitch Energy: 0.1 nV-s
accuracy of ±5 mV and can source or sink up to
Bidirectional Reference: Input or 2.5-V Output
20 mA at the VREFIN/VREFOUT pin.
Output Disabled by Default
These devices are monotonic, providing excellent
±5-mV Initial Accuracy (Max)
linearity
and
minimizing
undesired
code-to-code
transient voltages (glitch). They use a versatile three-
4-ppm/°C Temperature Drift (Typ)
wire serial interface that operates at clock rates up to
10-ppm/°C Temperature Drift (Max)
50 MHz. The interface is compatible with standard
20-mA Sink/Source Capability
SPI™,
QSPI™,
Microwire™,
and
digital
signal
processor (DSP) interfaces. The DACxx62 devices
Power-On Reset to Zero Scale or Mid-Scale
incorporate a power-on-reset circuit that ensures the
Low-Power: 4 mW (Typ, 5-V AVDD, Including
DAC output powers up at zero scale until a valid code
Internal Reference Current)
is written to the device, whereas the DACxx63s
Wide Power-Supply Range: 2.7 V to 5.5 V
similarly power up at mid-scale. These devices
contain a power-down feature that reduces current
50-MHz SPI With Schmitt-Triggered Inputs
consumption to typically 550 nA at 5 V. The low
LDAC and CLR Functions
power consumption, internal reference, and small
Output Buffer With Rail-to-Rail Operation
footprint make these devices ideal for portable,
battery-operated equipment.
Packages: SON-10 (3x3 mm), MSOP-10
Temperature Range: –40°C to 125°C
The DACxx62 devices are drop-in and function-
compatible with each other, as are the DACxx63s.
APPLICATIONS
The entire family is available in MSOP-10 and SON-
10 packages.
Portable Instrumentation
Bipolar Outputs (reference design)
Table 1. RELATED DEVICES
PLC Analog Output Module (reference design)
16-BIT
14-BIT
12-BIT
Closed-Loop Servo Control
Reset to zero
DAC8562
DAC8162
DAC7562
Voltage Controlled Oscillator Tuning
Reset to mid-scale
DAC8563
DAC8163
DAC7563
Data Acquisition Systems
Programmable Gain and Offset Adjustment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - DAC7563SDGST

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7563SDGST TI1-DAC7563SDGST Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDGST TI1-DAC7563SDGST Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

유사한 설명 - DAC7563SDGST

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8562 TI-DAC8562_13 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com