전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP31SN221ML2L 데이터시트(PDF) 6 Page - Murata Manufacturing Co., Ltd.

부품명 DLP31SN221ML2L
상세설명  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP31SN221ML2L 데이터시트(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button DLP31SN221ML2L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLP31SN221ML2L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
153
Part Numbering
(Part Number)
PL p CommonModeChokeCoils
eApplications
qProduct ID
PL
Common Mode Choke Coils
Product ID
wType
T
DC Type
Code
Type
10H
for DC Line High-frequency Type
Code
Applications
tImpedance
H
for Automotive
Code
Features
oPackaging
B
L
K
PLT10H
PLT10H
PLT10H
Bulk
Embossed Taping (ø178mm/ø180mm Reel)
Embossed Taping (ø330mm Reel)
Code
Packaging
Series
N
No Lead Terminal (SMD)
Aligned Winding Type
Code
Lead Dimensions
iLead Dimensions
rFeatures
yRated Current
Expressed by three figures. The unit is ampere (A). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
A decimal point is expressed by the capital letter "R". In this case,
all figures are significant digits.
Expressed by three figures. The unit is ohm (
Ω). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
uWinding Mode
P
Code
Winding Mode
t
102
r
H
y
6R0
q
PL
e
10H
w
T
u
P
i
N
o
B


유사한 부품 번호 - DLP31SN221ML2L

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLP31SN221ML2L MURATA1-DLP31SN221ML2L Datasheet
319Kb / 3P
   DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
More results

유사한 설명 - DLP31SN221ML2L

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com