전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM258P 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM258P
상세설명  DUAL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM258P 데이터시트(HTML) 1 Page - Texas Instruments

  LM258P Datasheet HTML 1Page - Texas Instruments LM258P Datasheet HTML 2Page - Texas Instruments LM258P Datasheet HTML 3Page - Texas Instruments LM258P Datasheet HTML 4Page - Texas Instruments LM258P Datasheet HTML 5Page - Texas Instruments LM258P Datasheet HTML 6Page - Texas Instruments LM258P Datasheet HTML 7Page - Texas Instruments LM258P Datasheet HTML 8Page - Texas Instruments LM258P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Supply Range:
− Single Supply ...3 V to 32 V
(26 V for LM2904)
− or Dual Supplies . . .
+1.5 V to +16 V
(
+13 V for LM2904)
D Low Supply-Current Drain, Independent of
Supply Voltage . . . 0.7 mA Typ
D Common-Mode Input Voltage Range
Includes Ground, Allowing Direct Sensing
Near Ground
D Low Input Bias and Offset Parameters:
− Input Offset Voltage ...3 mV Typ
A Versions ...2 mV Typ
− Input Offset Current ...2 nA Typ
− Input Bias Current . . . 20 nA Typ
A Versions . . . 15 nA Typ
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage ...32 V
(26 V for LM2904)
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description/ordering information
These devices consist of two independent,
high-gain frequency-compensated operational
amplifiers designed to operate from a single
supply over a wide range of voltages. Operation from split supplies also is possible if the difference between
the two supplies is 3 V to 32 V (3 V to 26 V for the LM2904), and VCC is at least 1.5 V more positive than the
input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply
voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational
amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example,
these devices can be operated directly from the standard 5-V supply used in digital systems and easily can
provide the required interface electronics without additional
±5-V supplies.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM158, LM158A . . . JG PACKAGE
LM258, LM258A . . . D, DGK, OR P PACKAGE
LM358 . . . D, DGK, P, PS, OR PW PACKAGE
LM358A . . . D, DGK, P, OR PW PACKAGE
LM2904 . . . D, DGK, P, PS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
LM158, LM158A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - LM258P

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM258P STMICROELECTRONICS-LM258P Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
LM258P TI1-LM258P Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM258P TI1-LM258P Datasheet
3Mb / 62P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM258P TI-LM258P Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM258P TI1-LM258P Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

유사한 설명 - LM258P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com