전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904AVQDR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2904AVQDR
상세설명  DUAL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2904AVQDR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2904AVQDR Datasheet HTML 2Page - Texas Instruments LM2904AVQDR Datasheet HTML 3Page - Texas Instruments LM2904AVQDR Datasheet HTML 4Page - Texas Instruments LM2904AVQDR Datasheet HTML 5Page - Texas Instruments LM2904AVQDR Datasheet HTML 6Page - Texas Instruments LM2904AVQDR Datasheet HTML 7Page - Texas Instruments LM2904AVQDR Datasheet HTML 8Page - Texas Instruments LM2904AVQDR Datasheet HTML 9Page - Texas Instruments LM2904AVQDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA‡
LM158
LM258
LM358
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
V
Input offset voltage
VCC = 5 V to MAX,
V
V
25
°C
3
5
3
7
mV
VIO
Input offset voltage
VIC = VICR(min),
VO = 1.4 V
Full range
7
9
mV
a
VIO
Average temperature
coefficient of
input offset voltage
Full range
7
7
µV/°C
I
Input offset current
V =14V
25
°C
2
30
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
100
150
nA
a
I
IO
Average temperature
coefficient of
input offset current
Full range
10
10
pA/
°C
I
Input bias current
V =14V
25
°C
−20
−150
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−300
−500
nA
V C
Common-mode
VCC =5VtoMAX
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common mode
input voltage range
VCC = 5 V to MAX
Full range
0 to
VCC − 2
0 to
VCC − 2
V
RL ≥ 2 kΩ
25
°C
VCC − 1.5
VCC − 1.5
V
High-level
RL ≥ 10 kΩ
25
°C
V
VOH
High level
output voltage
V
= MAX
RL = 2 kΩ
Full range
26
26
V
pg
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level
output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
A
Large-signal
differential
VCC = 15 V,
V
1Vto11V
25
°C
50
100
25
100
V/mV
AVD
differential
voltage amplification
VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
25
15
V/mV
CMRR
Common-mode
rejection ratio
VCC = 5 V to MAX,
VIC = VICR(min)
25
°C
70
80
65
80
dB
kSVR
Supply-voltage
rejection ratio
(
∆VDD/∆VIO)
VCC = 5 V to MAX
25
°C
65
100
65
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
dB
VCC = 15 V,
V
1V
Source
25
°C
−20
−30
−20
−30
I
Output current
VID = 1 V,
VO = 0
Source
Full range
−10
−10
mA
IO
Output current
VCC = 15 V,
V
1V
Sink
25
°C
10
20
10
20
mA
VID = −1 V,
VO = 15 V
Sink
Full range
5
5
IO
Output current
VID = −1 V, VO = 200 mV
25
°C
12
30
12
30
µA
IOS
Short-circuit
output current
VCC at 5 V, GND at −5 V,
VO = 0
25
°C
±40
±60
±40
±60
mA
Supply current
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current
(two amplifiers)
VCC = MAX, VO = 0.5 V,
No load
Full range
1
2
1
2
mA
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for the LM2904 and 30 V for others.
Full range is −55
°C to 125°C for LM158, −25°C to 85°C for LM258, 0°C to 70°C for LM358, and −40°C to 125°C for LM2904.
§ All typical values are at TA = 25°C.


유사한 부품 번호 - LM2904AVQDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2904AVQDR TI-LM2904AVQDR Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904AVQDR TI1-LM2904AVQDR Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904AVQDR TI-LM2904AVQDR Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM2904AVQDR ARTSCHIP-LM2904AVQDR Datasheet
252Kb / 16P
   Frequency - Compensated
logo
Texas Instruments
LM2904AVQDR TI1-LM2904AVQDR Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM2904AVQDR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com