전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431CZ 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TL431CZ
상세설명  Programmable voltage reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431CZ 데이터시트(HTML) 4 Page - STMicroelectronics

  TL431CZ Datasheet HTML 1Page - STMicroelectronics TL431CZ Datasheet HTML 2Page - STMicroelectronics TL431CZ Datasheet HTML 3Page - STMicroelectronics TL431CZ Datasheet HTML 4Page - STMicroelectronics TL431CZ Datasheet HTML 5Page - STMicroelectronics TL431CZ Datasheet HTML 6Page - STMicroelectronics TL431CZ Datasheet HTML 7Page - STMicroelectronics TL431CZ Datasheet HTML 8Page - STMicroelectronics TL431CZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute maximum ratings and operating conditions
TL431, TL432
4/21
Doc ID 4467 Rev 11
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
37
V
Ik
Continuous cathode current range
-100 to +150
mA
Iref
Reference input current range
-0.05 to +10
mA
Rthja
Thermal resistance junction to ambient(1)
TO-92
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
1.
Short-circuits can cause excessive heating. These values are typical.
200
85
248
157
221
°C/W
Rthjc
Thermal resistance junction to case (1)
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
30
136
67
110
°C/W
Tstg
Storage temperature range
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
TL431IY, TL431AIY-T: HBM (human body model) (2)
TL431-TL432: HBM (human body model)
MM: machine model (3)
CDM: charged device model (4)
2.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
3.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
3000
2000
200
1500
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
Vref to 36
V
Ik
Cathode current
1 to 100
mA
Toper
Operating free-air temperature range
TL431C/AC
TL431I/AI - TL432I/AI
TL431IY/AIY
0 to +70
-40 to +105
-40 to +125
°C


유사한 부품 번호 - TL431CZ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
Analog Intergrations Co...
TL431CZ AIC-TL431CZ Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
HTC Korea TAEJIN Techno...
TL431CZ HTC-TL431CZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
List of Unclassifed Man...
TL431CZ ETC2-TL431CZ Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

유사한 설명 - TL431CZ

제조업체부품명데이터시트상세설명
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com