전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A1225A-1PQ176M 데이터시트(PDF) 41 Page - Microsemi Corporation

부품명 A1225A-1PQ176M
상세설명  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-1PQ176M 데이터시트(HTML) 41 Page - Microsemi Corporation

Back Button A1225A-1PQ176M Datasheet HTML 37Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 38Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 39Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 40Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 41Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 42Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 43Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 44Page - Microsemi Corporation A1225A-1PQ176M Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
ACT 2 Family FPGAs
R e visio n 8
3 - 13
Notes:
1. NC denotes no connection.
2. All unlisted pin numbers are user I/Os.
3. MODE pin should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can
be terminated directly to GND.
155
VCC
VCC
156
GND
GND
158
CLKB, I/O
CLKB, I/O
160
PRB, I/O
PRB, I/O
161
NC
I/O
165
NC
NC
166
NC
I/O
168
NC
I/O
170
NC
VCC
173
NC
I/O
175
DCLK, I/O
DCLK, I/O
TQ176
Pin Number
A1240A Function
A1280A Function


유사한 부품 번호 - A1225A-1PQ176M

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A1225A-1PQ176M ACTEL-A1225A-1PQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

유사한 설명 - A1225A-1PQ176M

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com