전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM26LV400BB-55RWAD 데이터시트(PDF) 11 Page - SPANSION

부품명 AM26LV400BB-55RWAD
상세설명  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM26LV400BB-55RWAD 데이터시트(HTML) 11 Page - SPANSION

Back Button AM26LV400BB-55RWAD Datasheet HTML 7Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 8Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 9Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 10Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 11Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 12Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 13Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 14Page - SPANSION AM26LV400BB-55RWAD Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
December 4, 2006 21523D4
Am29LV400B
9
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function
of the device. Table 1 lists the device bus operations,
the inputs and control levels they require, and the re-
sulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29LV400B Device Bus Operations
Legend:
L = Logic Low = V
IL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Addresses In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A17:A0 in word mode (BYTE# = V
IH), A17:A-1 in byte mode (BYTE# = VIL).
2.
The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at V
IH. The BYTE# pin deter mines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
Address access time (t
ACC) is the delay from stable ad-
dresses to valid output data. The chip enable access
time (t
CE) is the delay from stable addresses and sta-
ble CE# to valid data at the output pins. The output en-
able access time (t
OE) is the delay from the falling
edge of OE# to valid data at the output pins (assuming
t h e ad dr esses h a ve b e e n st ab le fo r at le ast
t
ACC–tOE time).
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
Operation
CE#
OE# WE# RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
A
IN
D
OUT
D
OUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
V
CC ±
0.3 V
XX
V
CC ±
0.3 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
V
ID
Sector Address, A6 = L,
A1 = H, A0 = L
D
IN
XX
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address, A6 = H,
A1 = H, A0 = L
DIN
XX
Temporary Sector
Unprotect
XX
X
V
ID
A
IN
D
IN
D
IN
High-Z


유사한 부품 번호 - AM26LV400BB-55RWAD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

유사한 설명 - AM26LV400BB-55RWAD

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com