전자부품 데이터시트 검색엔진 |
|
ADM3307EARUZ-REEL7 데이터시트(PDF) 5 Page - Analog Devices |
|
ADM3307EARUZ-REEL7 데이터시트(HTML) 5 Page - Analog Devices |
5 / 24 page Data Sheet ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E Rev. I | Page 5 of 24 Parameter Min Typ Max Unit Test Conditions/Comments Maximum Data Rate ADM3307E 250 720 kbps RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 2.7 V 460 920 kbps RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 3.0 V ADM3310E, ADM3311E, ADM3312E, ADM3315E 250 460 kbps RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 3.0 V Receiver Propagation Delay, TPHL, TPLH 0.3 µs CL = 150 pF 0.17 1 µs CL = 150 pF; ADM3307E only Receiver Output Enable Time, tER 100 ns Receiver Output Disable Time, tDR 300 ns Transmitter Propagation Delay, TPHL, TPLH 500 ns RL = 3 kΩ, CL = 1000 pF Transition Region Slew Rate 3 18 V/µs RL = 3 kΩ, CL = 50 pF to 1000 pF1 ESD PROTECTION (I/O PINS) ±15 kV Human body model ±15 kV IEC 1000-4-2 air discharge ±8 kV IEC 1000-4-2 contact discharge2 1 Measured at +3 V to −3 V or −3 V to +3 V. 2 Includes CMOS I/O, SD, and EN for ADM3307E. |
유사한 부품 번호 - ADM3307EARUZ-REEL7 |
|
유사한 설명 - ADM3307EARUZ-REEL7 |