전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-D150 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 HLMP-D150
상세설명  DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-D150 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  HLMP-D150 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-D150 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-D150 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-D150 Datasheet HTML 4Page - Fairchild Semiconductor HLMP-D150 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
RED
UNITS
Power Dissipation
87
mW
Peak Forward Current (f=1kHz, DF=10%)
300
mA
Continuous DC Forward Current
30
mA
Lead Soldering Time at 260
° C
5
sec
Operating Temperature
-20 to +100
°C
Storage Temperature
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
Parameter
HLMP-K150
HLMP-K155
HLMP-D150A
HLMP-D155A
Condition
Luminous Intensity (mcd)
IF = 1mA
Minimum
1.2
2.0
1.2
3.0
Typical
2.0
3.0
3.0
10.0
Forward Voltage (V)
IF = 1mA
Maximum
1.8
1.8
1.8
1.8
Typical
1.6
1.6
1.6
1.6
Peak Wavelength (nm)
660
660
660
660
IF = 1mA
Spectral Line Half Width
20
20
20
20
IF = 1mA
Reverse Voltage (V)
5
5
5
5
IR = 100µA
Viewing Angle (°)
60
45
65
24
IF = 1mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS
www.fairchildsemi.com
2 OF 5
2/27/01
DS300012


유사한 부품 번호 - HLMP-D150

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-D150 QT-HLMP-D150 Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 AVAGO-HLMP-D150 Datasheet
303Kb / 9P
   Minimum luminous intensity specified at 1 mA
More results

유사한 설명 - HLMP-D150

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
MAN30X0A QT-MAN30X0A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Everlight Electronics C...
HLMPK155 EVERLIGHT-HLMPK155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com