전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP6505AYR 데이터시트(Datasheet) 3 Page - Fairchild Semiconductor

부품명 HLMP6505AYR
상세내용  SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
7/14/03
Page 3 of 6
© 2003 Fairchild Semiconductor Corporation
SUBMINIATURE T-3/4 LED
DIFFUSED AND CLEAR LAMPS
HIGH EFF. RED HLMP-6305A Water Clear
MV6700A
Red Diffused
YELLOW
HLMP-6405A Water Clear
MV6300A
Yellow Diffused
GREEN
HLMP-6505A Water Clear
MV6400A
Green Diffused
AIGaAs RED
HLMP-Q105A Water Clear
HLMP-Q150A Red Diffused
HLMP-Q101A Red Diffused
HLMP-Q155A Water Clear
TYPICAL PERFORMANCE CURVES
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
500
550
600
650
700
750
90
VF - FORWARD VOLTAGE (V)
WAVELENGTH (nm)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
05
10
15
YELLOW
GREEN
AlGaAs RED
HER
HER
AlGaAs
RED
HER
YELLOW
GREEN
AlGaAs
RED
GREEN
YELLOW




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HLMP-6305ASUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS 1 2 3 4 QT Optoelectronics
HLMA-DX05T-13/4 5 mm T-1 3 mm High Performance Tinted Diffused AlInGaP and TS AlGaAs Red LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
CMD5153T-1 3/4 Diffused LED Lamps 1 Chicago Miniature Lamp,inc
HLMA-PF00Subminiature High Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
BL-HXXX6G-TRBTAPE AND REEL SURFACE MOUNT CHIP LED LAMPS 1 2 3 4 5 MoreYellow Stone Corp
SSL-LXA228IC-TR11AXIAL LED GULL WING LEADS 635nm RED LED WATER CLEAR LENS TAPE AND REEL. 1 List of Unclassifed Manufacturers
HLMP-1301T-1 3 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-1385T-1 3 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
SSL-LXA228YC-TR31585nm YELLOW AXIAL LED WATER CLEAR LENS Z BEND TAPE AND REEL. 1 List of Unclassifed Manufacturers
TLW.8600clear non diffused LED 1 2 3 4 5 MoreTexas Instruments

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl