전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5421CREZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5421CREZ
상세설명  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5421CREZ 데이터시트(HTML) 5 Page - Analog Devices

  AD5421CREZ Datasheet HTML 1Page - Analog Devices AD5421CREZ Datasheet HTML 2Page - Analog Devices AD5421CREZ Datasheet HTML 3Page - Analog Devices AD5421CREZ Datasheet HTML 4Page - Analog Devices AD5421CREZ Datasheet HTML 5Page - Analog Devices AD5421CREZ Datasheet HTML 6Page - Analog Devices AD5421CREZ Datasheet HTML 7Page - Analog Devices AD5421CREZ Datasheet HTML 8Page - Analog Devices AD5421CREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 5 of 12
EVALUATION BOARD SOFTWARE QUICK START PROCEDURES
SOFTWARE INSTALLATION
The AD5421 evaluation kit includes self-installing software on
a CD. The software is compatible with Windows XP (SP2) and
Vista (32-bit). If the setup file does not run automatically, you
can run setup.exe from the CD.
Install the evaluation software before connecting the evaluation
board and SDP board to the USB port of the PC to ensure that
the evaluation system is correctly recognized when connected
to the PC.
1. After installation from the CD is complete, power up the
AD5421 evaluation board as described in the Power
Supplies section.
2. Connect the SDP board to the AD5421 evaluation board
and then to the USB port of your PC using the supplied
cable. Either connector of the SDP board may be used.
3. When the evaluation system is detected, proceed through
any dialog boxes that appear. This finishes the installation.
SOFTWARE OPERATION
To launch the software, complete the following steps:
1. From the Start menu, select Analog Devices – AD5421;
then select AD5421 Evaluation Software. The main
window of the software displays (see Figure 3).
2. If the evaluation system is not connected to the USB port
when the software is launched, or if the AD5421 board is
not connected to the SDP board, a connectivity error
displays (see Figure 2). Simply connect the evaluation
board to the USB port of the PC, wait a number of seconds,
click Rescan, and follow the instructions.
Figure 2. Connectivity Error Alert


유사한 부품 번호 - AD5421CREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5421CREZ AD-AD5421CREZ Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL AD-AD5421CREZ-RL Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL7 AD-AD5421CREZ-RL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

유사한 설명 - AD5421CREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com