전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5421CREZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5421CREZ
상세설명  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5421CREZ 데이터시트(HTML) 3 Page - Analog Devices

  AD5421CREZ Datasheet HTML 1Page - Analog Devices AD5421CREZ Datasheet HTML 2Page - Analog Devices AD5421CREZ Datasheet HTML 3Page - Analog Devices AD5421CREZ Datasheet HTML 4Page - Analog Devices AD5421CREZ Datasheet HTML 5Page - Analog Devices AD5421CREZ Datasheet HTML 6Page - Analog Devices AD5421CREZ Datasheet HTML 7Page - Analog Devices AD5421CREZ Datasheet HTML 8Page - Analog Devices AD5421CREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 3 of 12
EVALUATION BOARD HARDWARE
POWER SUPPLIES
The AD5421 evaluation board requires one power supply
connection from LOOP− to LOOP+ (J7), a voltage in the
range from 5.5 V to 52 V can be applied if the on-board
MOSFET device (U2) is not enabled. With U2 enabled, the
voltage limit is the breakdown voltage of U2, which in this
case is 240 V. A load resistor can also be connected at J7.
LINK OPTIONS
Set the link options on the evaluation board for the required
operating setup before powering on the board. The functions
of the link options are described in Table 2.
Default Link Option Setup
The default link options are listed in Table 1.
Table 1. Link Options
Link No.
Option
LK1
Inserted
LK2
B
LK4
Inserted
LK6
Inserted
LK7
Inserted
Alarm_Dir
B
Rint_Rext
B
Range0
B
Range1
B
Reg_Sel0
A
Reg_Sel1
B
Reg_Sel2
A


유사한 부품 번호 - AD5421CREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5421CREZ AD-AD5421CREZ Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL AD-AD5421CREZ-RL Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL7 AD-AD5421CREZ-RL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

유사한 설명 - AD5421CREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12