전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-4100-000E 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-4100-000E
상세설명  Optically Coupled 20 mA Current Loop Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100-000E 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4100-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
8-Pin DIP Package with Gull Wing Surface Mount Option 300 (HCPL-4100)
Figure 1. Solder Reflow Thermal Profile.
Solder Reflow Thermal Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.080 ± 0.320
(0.043 ± 0.013)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
3.56 ± 0.13
(0.140 ± 0.005)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
Note: Non-halide flux should be used.


유사한 부품 번호 - HCPL-4100-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100300 HP-HCPL-4100300 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100500 HP-HCPL-4100500 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

유사한 설명 - HCPL-4100-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD693 AD-AD693 Datasheet
496Kb / 12P
   Loop-Powered 4.20 mA Sensor Transmitter
REV. A
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Analog Devices
AD694 AD-AD694_15 Datasheet
163Kb / 16P
   4-20 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com