전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CB1A-XYBDD 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CB1A-XYBDD
상세설명  New 5mm Blue and Green LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1A-XYBDD 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB1A-XYBDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Device Selection Guide
Part Number
Color
Typical Viewing
angle, 2
θ½ (°)[4]
Luminous Intensity Iv (mcd) at 20
mA [1,2,5]
Standoff /
Non Standoff
Package
drawing
Min
Max
HLMP-CB1A-XY0DD
Blue
15°
7200
12000
Non Standoff
A
HLMP-CB1A-XYBDD
HLMP-CB1A-XYCDD
HLMP-CB1B-XY0DD
Standoff
B
HLMP-CB1B-XYBDD
HLMP-CB1B-XYCDD
HLMP-CB2A-VW0DD
23°
4200
7200
Non Standoff
A
HLMP-CB2A-VWBDD
HLMP-CB2A-VWCDD
HLMP-CB2B-VW0DD
Standoff
B
HLMP-CB2B-VWBDD
HLMP-CB2B-VWCDD
HLMP-CB3A-UV0DD
30°
3200
5500
Non Standoff
A
HLMP-CB3A-UVBDD
HLMP-CB3A-UVCDD
HLMP-CB3B-UV0DD
Standoff
B
HLMP-CB3B-UVBDD
HLMP-CB3B-UVCDD
HLMP-CM1A-560DD
Green
15°
45000
76000
Non Standoff
A
HLMP-CM1B-560DD
Standoff
B
HLMP-CM2A-230DD
23°
21000
35000
Non Standoff
A
HLMP-CM2B-230DD
Standoff
B
HLMP-CM3A-Z10DD
30°
12000
21000
Non Standoff
A
HLMP-CM3A-Z1BDD
HLMP-CM3A-Z1CDD
HLMP-CM3B-Z10DD
Standoff
B
HLMP-CM3B-Z1BDD
HLMP-CM3B-Z1CDD
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%


유사한 부품 번호 - HLMP-CB1A-XYBDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1A-XYBDD AVAGO-HLMP-CB1A-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-CB1A-XYBDD BOARDCOM-HLMP-CB1A-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

유사한 설명 - HLMP-CB1A-XYBDD

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
HLMP-CB1A-XY0DD AVAGO-HLMP-CB1A-XY0DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-513B3C A-BRIGHT-AL-513B3C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B3C-A A-BRIGHT-AL-513B3C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B4C-A A-BRIGHT-AL-513B4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513B5C-A A-BRIGHT-AL-513B5C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com