전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC161S997EVM 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DAC161S997EVM
상세설명  helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC161S997EVM 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC161S997EVM Datasheet HTML 6Page - Texas Instruments DAC161S997EVM Datasheet HTML 7Page - Texas Instruments DAC161S997EVM Datasheet HTML 8Page - Texas Instruments DAC161S997EVM Datasheet HTML 9Page - Texas Instruments DAC161S997EVM Datasheet HTML 10Page - Texas Instruments DAC161S997EVM Datasheet HTML 11Page - Texas Instruments DAC161S997EVM Datasheet HTML 12Page - Texas Instruments DAC161S997EVM Datasheet HTML 13Page - Texas Instruments DAC161S997EVM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Bill of Materials
www.ti.com
6
Bill of Materials
Designator
Quantity
Value
Description
Package
Part Number
Reference
C1
1
0.1µF
CAP, CERM, 0.1uF, 50V, +/-5%,
1206
C1206C104J5RACTU
X7R, 1206
C2
1
3.3µF
CAP, TANT, 3.3uF, 50V, +/-10%,
7343-31
TPSD335K050R0800
0.8 ohm, 7343-31 SMD
C4, C17
2
1000pF
CAP, CERM, 1000pF, 50V, +/-
603
06035A102KAT2A
10%, C0G/NP0, 0603
C5
1
4.7µF
CAP, TANT, 4.7uF, 10V, +/-10%,
3216-18
T495A475K010ZTE1K4
1.4 ohm, 3216-18 SMD
C7, C23, C24
3
0.1µF
CAP CER 0.1UF 10V 10% X7R
603
C0603C104K8RACTU
0603
C8
1
10µF
CAP CER 10UF 10V 10% X5R
603
C1608X5R1A106K
0603
C9, C10
2
0.1µF
CAP, CERM, 0.1uF, 10V, +/-
402
C1005X5R1A104K
10%, X5R, 0402
C12, C16
2
1µF
CAP, TANT, 1uF, 50V, +/-10%,
6032-28
293D105X9050C2TE3
4.6 ohm, 6032-28 SMD
C13
1
3.3µF
CAP, TANT, 3.3uF, 16V, +/-10%,
3216-18
TPSA335K016R3500
3.5 ohm, 3216-18 SMD
C14
1
2.2nF
CAP CER 2200PF 10V 5% X7R
603
C0603C222J8RACTU
0603
C15
1
0.01µF
CAP, CERM, 0.01uF, 50V, +/-
1206
C3216C0G1H103J
5%, C0G/NP0, 1206
C18
1
6800pF
CAP, CERM, 6800pF, 50V, +/-
603
C0603C682J5RACTU
5%, X7R, 0603
C19, C21
2
0.22µF
CAP, CERM, 0.22uF, 10V, +/-
603
C1608X5R1A224K
10%, X5R, 0603
C20
1
0.39µF
CAP, CERM, 0.39uF, 10V, +/-
603
C0603C394K8PACTU
10%, X5R, 0603
C22
1
2.2µF
CAP, CERM, 2.2uF, 100V, +/-
1210
HMK325B7225KN-T
10%, X7R, 1210
COM1, COM2, COM3,
6
Black
Test Point, TH, Miniature, Black
5001
H9, LOOP+1, LOOP-1
D1
1
3.9V
Diode, Zener, 3.9V, 500mW,
SOD-123
MMSZ4686T1G
SOD-123
D2
1
0.7V
Diode, Schottky, 60V, 3A, SMA
SMA
B360A-13-F
D3
1
LED, [Color], [MountType]
603
LG L29K-G2J1-24-Z
D4
1
LED, [Color], [MountType]
603
SML-LX0603SRW-TR
DAC1
1
DAC161S997
DAC161P997SQ
DAC_CUR1,
4
Header, TH, 100mil, 2x1, Gold
TSW-102-07-G-S
HART_RX1, HART_TX1,
plated, 230 mil above insulator
Test1
ERRLVL SEL1, ERRLVL
2
Header, TH, 100mil, 3x1, Gold
TSW-103-07-G-S
SEL2
plated, 230 mil above insulator
J1
1
250V
CONN HEADER RT ANG 2POS
1759017
5.08MM
J2
1
Header, TH, 100mil, 7x2, Gold
TSW-107-07-G-D
plated, 230 mil above insulator
J3
1
Header, TH, 100mil, 10x1, Gold
TSW-110-07-G-S
plated, 230 mil above insulator
L1
1
40
1A Ferrite Bead, 2 ohm @
1206
MI0805K400R-10
100MHz, SMD
Q1
1
TRANSISTOR GP NPN 40V
SOT-223
PZT3904
SOT-223
R1
1
158k
RES, 158k ohm, 1%, 0.1W, 0603
603
CRCW0603158KFKEA
10
DAC161S997EVM User's Guide
SNLU146 – JUNE 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


유사한 부품 번호 - DAC161S997EVM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997RGHR TI-DAC161S997RGHR Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997RGHT TI-DAC161S997RGHT Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
More results

유사한 설명 - DAC161S997EVM

제조업체부품명데이터시트상세설명
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
LM46002PWPEVM TAOS-LM46002PWPEVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM43603PWPEVM TAOS-LM43603PWPEVM Datasheet
925Kb / 16P
   LM43603EVM evaluation module (EVM) helps designers evaluate the operation
LM46000PWPEVM TAOS-LM46000PWPEVM Datasheet
802Kb / 14P
   LM46000EVM evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
SNAU136 TI-SNAU136 Datasheet
1Mb / 29P
[Old version datasheet]   The Texas Instruments LMX2581EVM evaluation module (EVM) helps designers evaluate the operation and performance of the LMX2581 Wideband Frequency Synthesizer.
logo
TEXAS ADVANCED OPTOELEC...
LM43603EVM TAOS-LM43603EVM Datasheet
925Kb / 16P
   evaluation module (EVM) helps designers evaluate the operation and performance of the LM43603 wide-input voltage Simple Switcher buck regulator
HDC1050EVM TAOS-HDC1050EVM Datasheet
4Mb / 46P
   HDC1050EVM evaluation module (EVM) enables designers to evaluate the operation and performance of the HDC1050 Relative Humidity and Temperature sensor.
logo
Recom International Pow...
R420-1.8 RECOM-R420-1.8 Datasheet
510Kb / 5P
   Designed For 4-20mA Loop Operation And Energy
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com