전자부품 데이터시트 검색엔진 |
|
V-114-1C24 데이터시트(PDF) 6 Page - Omron Electronics LLC |
|
V-114-1C24 데이터시트(HTML) 6 Page - Omron Electronics LLC |
6 / 16 page 126 Snap Action Switch V ■ Characteristics Note: 1. Data shown are of initial value. 2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate. 3. For pin plunger models, the above values apply for use at both the free position and total travel position. For lever models, they apply at the total travel position. 4. For testing conditions, contact your OMRON sales representative. ■ Contact Specifications Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60% (λ 60) reliability level (JIS C5003). The equation λ 60=0.5 x 10 -6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability level of 60% Operating speed 0.1 mm to 1 m/s (plunger models) Operating frequency Mechanical: 600 operations/minute, max. Electrical: 30 operations/minute, max. Insulation resistance 100 M Ω min. (at 500 VDC) Contact resistance 15 m Ω max. Dielectric strength (see note 2) 1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity V-21, V-16 and V-11: 2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts V-15 and V-10: 1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts Vibration resistance (see note 3) Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Shock resistance (see note 3) Destruction: 1,000 m/s2 (approx. 100G) max. Malfunction: V-21/V-16/V-15: 300 m/s2 (approx. 30G) max. V-11/V10: 200 m/s2 (approx. 20G) max. Life expectancy Mechanical: 50,000,000 operations min. (60 operations/minute) Electrical: V-21/V-16/V-15: 100,000 operations min. (30 operations/minute) (V-15 heat resistive: 20,000 operations min. (30 ops/minute)) V-11/V-10: 300,000 operations min. (30 operations/minute) (V-10 heat resistive: 50,000 operations min. (30 ops/minute)) Degree of protection IEC IP40 Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature -25 °C to 80°C (at 60% RH max.) with no icing -25 °C to 150°C for heat resistive models (at 60% RH max.) with no icing. Ambient operating humidity 85% max. (for 5 °C to 35°C) Weight Approx. 6.2 g (plunger models) Item V-21 V-16 V-15 V-11 V-10 Contact Specification Rivet Material Silver alloy Silver Gap (standard value) 1 mm (F gap type) or 0.5 mm (G gap type) Inrush current NC 50 A max. 40 A max. 36 A max. 24 A max. NO Minimum applicable load 160 mA at 5 VDC |
유사한 부품 번호 - V-114-1C24 |
|
유사한 설명 - V-114-1C24 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |