전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7545GUE 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7545GUE
상세설명  CMOS 12-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7545GUE 데이터시트(HTML) 7 Page - Analog Devices

  AD7545GUE Datasheet HTML 1Page - Analog Devices AD7545GUE Datasheet HTML 2Page - Analog Devices AD7545GUE Datasheet HTML 3Page - Analog Devices AD7545GUE Datasheet HTML 4Page - Analog Devices AD7545GUE Datasheet HTML 5Page - Analog Devices AD7545GUE Datasheet HTML 6Page - Analog Devices AD7545GUE Datasheet HTML 7Page - Analog Devices AD7545GUE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7545
–7–
REV. A
A1
R1
10K
CMOS DATA BUS
VDD = +10V TO +15V
C1
33pF
AD544L
VO
AD544J
A2
R5
20k
R3
10k
R6
5k
+2V
R2
2k
1
2
8
4
VDD
R4
33.3k
AD7545
18
19
20
1
2
VDD
RFB
VREF
DB10–DB0
OUT1
AGND
4
MSB
3
DGND
AD584J
+5V
VDD = +10V TO +15V
Figure 10. Single Supply “Bipolar” Twos Complement
D/A
Converter
MICROPROCESSOR INTERFACING OF THE AD7545
The AD7545 can directly interface to both 8- and 16-bit micro-
processors via its 12-bit wide data latch using standard CS and
WR control signals.
A typical interface circuit for an 8-bit processor is shown in
Figure 11. This arrangement uses two memory addresses, one
for the lower eight bits of data to the DAC and one for the up-
per four bits of data into the DAC via the latch.
4
4
LATCH
CS
WR
8
AD7545
CS
DB11
DB8
WR
DB7
DB0
8
Q0*
Q1*
ADDRESS BUS
8-BIT DATA BUS
ADDRESS
DECODE
CPU
A15
A0
WR
D7
D0
* Q
0 = DECODED ADDRESS FOR DAC
Q1 = DECODED ADDRESS FOR LATCH
Figure 11. 8-Bit Processor to AD7545 Interface
Figure 12 shows an alternative approach for use with 8-bit
processors which have a full 16-bit wide address bus such as
6800, 8080, Z80 This technique uses the 12 lower address lines
of the processor address bus to supply data to the DAC, thus
each AD7545 connected in this way uses 4k bytes of address
locations. Data is written to the DAC using a single memory
write instruction. The address field of the instruction is orga-
nized so that the lower 12 bits contain the data for the DAC and
the upper 4 bits contain the address of the 4k block at which the
DAC resides.
12
AD7545
CS
DB11
DB0
WR
16-BIT ADDRESS BUS
DATA BUS
ADDRESS
DECODE
CPU
A15
A0
WR
D7
D0
Q0
4
Figure 12. Connecting the AD7545 to 8-Bit Processors via
the Address Bus
SUPPLEMENTAL APPLICATION MATERIAL
For further information on CMOS multiplying D/A converters
the reader is referred to the following texts:
Application Guide to CMOS Multiplying D/A converters
available from Analog Devices, Publication Number G479.
Gain Error and Gain Temperature Coefficient of CMOS
Multiplying DACS—Application Note, Publication Number
E630–10–6/81 available from Analog Devices.


유사한 부품 번호 - AD7545GUE

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7545GUE AD-AD7545GUE Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

유사한 설명 - AD7545GUE

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8