전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFC23318514 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 BFC23318514
상세설명  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC23318514 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button BFC23318514 Datasheet HTML 4Page - Vishay Siliconix BFC23318514 Datasheet HTML 5Page - Vishay Siliconix BFC23318514 Datasheet HTML 6Page - Vishay Siliconix BFC23318514 Datasheet HTML 7Page - Vishay Siliconix BFC23318514 Datasheet HTML 8Page - Vishay Siliconix BFC23318514 Datasheet HTML 9Page - Vishay Siliconix BFC23318514 Datasheet HTML 10Page - Vishay Siliconix BFC23318514 Datasheet HTML 11Page - Vishay Siliconix BFC23318514 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MKP338 1 X1
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-13
9
Document Number: 28116
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1 COMBINED SAMPLE OF
SPECIMENS OF SUB-GROUPS C1A AND
C1B
4.11
Climatic sequence
4.11.1 Initial measurements
Capacitance
Measured in 4.4.2 and 4.9.2
Tangent of loss angle
Measured initially in C1A and C1B
4.11.2 Dry heat
Temperature: 105 °C
Duration: 16 h
4.11.3 Damp heat cyclic
Test Db
First cycle
4.11.4 Cold
Temperature: - 55 °C
Duration: 2 h
4.11.5 Damp heat cyclic
Test Db
Remaining cycles
4.11.6 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.11.1.
Tangent of loss angle
Increase of tan
  0.008
Compared to values measured in 4.11.1.
Voltage proof
1900 VDC; 1 min between terminations
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C2
4.12
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH
No load
4.12.1 Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
4.12.3 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.12.1.
Tangent of loss angle
Increase of tan
  0.008
Compared to values measured in 4.12.1.
Voltage proof
1900 VDC; 1 min between terminations
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


유사한 부품 번호 - BFC23318514

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

유사한 설명 - BFC23318514

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com