전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUFA75307D3S 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 HUFA75307D3S
상세설명  15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75307D3S 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  HUFA75307D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75307P3, HUFA75307D3, HUFA75307D3S Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
55
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
55
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Drain Current
Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
15
Figure 4
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 14, 15
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
45
0.3
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 50V, VGS = 0V
-
-
1
µA
VDS = 45V, VGS = 0V, TC = 150
oC-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 15A, VGS = 10V (Figure 9)
-
0.075
0.090
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
(Figure 3)
-
-
3.3
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-220AB
-
-
62
oC/W
TO-251AA, TO-252AA
-
-
100
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID ≅ 15A,
RL = 2.0Ω, VGS = 10V,
RGS = 100Ω
-
-
60
ns
Turn-On Delay Time
td(ON)
-7-
ns
Rise Time
tr
-40
-
ns
Turn-Off Delay Time
td(OFF)
-35
-
ns
Fall Time
tf
-45
-
ns
Turn-Off Time
tOFF
--
100
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 30V,
ID ≅ 15A,
RL = 2.0Ω
Ig(REF) = 1.0mA
(Figure13)
-16
20
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
9
11
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
0.6
0.8
nC
Gate to Source Gate Charge
Qgs
-1.2
-
nC
Reverse Transfer Capacitance
Qgd
-4-
nC
HUFA75307P3, HUFA75307D3, HUFA75307D3S


유사한 부품 번호 - HUFA75307D3S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
More results

유사한 설명 - HUFA75307D3S

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HUF75307P3 INTERSIL-HUF75307P3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75307P3 FAIRCHILD-HUF75307P3 Datasheet
219Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com