전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUFA75309P3 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 HUFA75309P3
상세설명  19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75309P3 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button HUFA75309P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75309P3, HUFA75309D3, HUFA75309D3S Rev. B
PSPICE Electrical Model
.SUBCKT HUFA75309 2 1 3 ;
rev 30June97
CA 12 8 3.85e-10
CB 15 14 4.15e-10
CIN 6 8 3.17e-10
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 59.22
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 2.24e-9
LSOURCE 3 7 2.09e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 9.1e-3
RGATE 9 20 1.27
RLDRAIN 2 5 10
RLGATE 1 9 22.4
RLSOURCE 3 7 20.9
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 4.0e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*43),4.5))}
.MODEL DBODYMOD D (IS = 3.0e-13 RS = 1.04e-2 TRS1 = 1.89e-3 TRS2 = 0 CJO = 5.25e-10 TT = 3.09e-8 M = 0.5)
.MODEL DBREAKMOD D (RS = 2.66e- 1TRS1 = 1.31e- 4TRS2 = 1.34e-5)
.MODEL DPLCAPMOD D (CJO = 3.8e-1 0IS = 1e-3 0N = 10 M = 0.79)
.MODEL MMEDMOD NMOS (VTO = 3.45 KP = 2 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1.27)
.MODEL MSTROMOD NMOS (VTO = 3.95 KP = 19 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 3.05KP = 0.05 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 12.7 RS = 0.1)
.MODEL RBREAKMOD RES (TC1 = 1.05e- 3TC2 = 1.21e-7)
.MODEL RDRAINMOD RES (TC1 = 3.1e-2 TC2 = 3.7e-5)
.MODEL RSLCMOD RES (TC1 = 2.71e-3 TC2 = 1.07e-5)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC = -3.31e-3 TC2 = -4.31e-6)
.MODEL RVTEMPMOD RES (TC1 = -1.62e- 3TC2 = 1.29e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -6.0 VOFF= -3.0)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.0 VOFF= -6.0)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 1.9 VOFF= 4.9)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 4.9 VOFF= 1.9)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUFA75309P3, HUFA75309D3, HUFA75309D3S


유사한 부품 번호 - HUFA75309P3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
More results

유사한 설명 - HUFA75309P3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com