전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML5203TRPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLML5203TRPBF
상세설명  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML5203TRPBF 데이터시트(HTML) 9 Page - International Rectifier

  IRLML5203TRPBF Datasheet HTML 1Page - International Rectifier IRLML5203TRPBF Datasheet HTML 2Page - International Rectifier IRLML5203TRPBF Datasheet HTML 3Page - International Rectifier IRLML5203TRPBF Datasheet HTML 4Page - International Rectifier IRLML5203TRPBF Datasheet HTML 5Page - International Rectifier IRLML5203TRPBF Datasheet HTML 6Page - International Rectifier IRLML5203TRPBF Datasheet HTML 7Page - International Rectifier IRLML5203TRPBF Datasheet HTML 8Page - International Rectifier IRLML5203TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRLML5203PbF
www.irf.com
9
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/2010
Micro3™ Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 )
1.95 ( .077 )
TR
FEED DIRECTION
4.1 ( .161 )
3.9 ( .154 )
1.6 ( .062 )
1.5 ( .060 )
1.85 ( .072 )
1.65 ( .065 )
3.55 ( .139 )
3.45 ( .136 )
1.1 ( .043 )
0.9 ( .036 )
4.1 ( .161 )
3.9 ( .154 )
0.35 ( .013 )
0.25 ( .010 )
8.3 ( .326 )
7.9 ( .312 )
1.32 ( .051 )
1.12 ( .045 )
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.


유사한 부품 번호 - IRLML5203TRPBF

제조업체부품명데이터시트상세설명
logo
ZP Semiconductor
IRLML5203TRPBF ZPSEMI-IRLML5203TRPBF Datasheet
259Kb / 2P
   HEXFETPower MOSFET
logo
Shanghai Leiditech Elec...
IRLML5203TRPBF LEIDITECH-IRLML5203TRPBF Datasheet
1Mb / 6P
   SE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML5203TRPBF VBSEMI-IRLML5203TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com