전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3103TR 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLR3103TR
상세설명  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103TR 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLR3103TR Datasheet HTML 3Page - International Rectifier IRLR3103TR Datasheet HTML 4Page - International Rectifier IRLR3103TR Datasheet HTML 5Page - International Rectifier IRLR3103TR Datasheet HTML 6Page - International Rectifier IRLR3103TR Datasheet HTML 7Page - International Rectifier IRLR3103TR Datasheet HTML 8Page - International Rectifier IRLR3103TR Datasheet HTML 9Page - International Rectifier IRLR3103TR Datasheet HTML 10Page - International Rectifier IRLR3103TR Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U3103
www.irf.com
9
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M
A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
L EAD ASSIGN M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
N O T ES:
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
2 CO N T R O L L ING DIME N S IO N : INCH .
3 C O N F O R M S T O J E D E C O U T LIN E T O -2 5 2 A A .
4 D IM E N S IO N S SH OW N AR E BEF OR E SOL D ER D IP,
S O L D E R D IP M A X. + 0.1 6 (.0 0 6).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
AS SEM BLY
L O T
C O D E
FIR S T P O R T IO N
OF PAR T N U M BE R
SEC O N D PO R T IO N
OF P A R T N U M BE R
12 0
9U
1 P
EX AM PL E : T H IS IS AN IR F U 1 20
W IT H ASSEM BL Y
L O T C O D E 9 U 1 P
IR F U


유사한 부품 번호 - IRLR3103TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3103TRPBF IRF-IRLR3103TRPBF Datasheet
292Kb / 11P
   Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLR3103TRPBF VBSEMI-IRLR3103TRPBF Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRLR3103TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com