전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1532IVEZ-T7 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL1532IVEZ-T7
상세설명  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IVEZ-T7 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL1532IVEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6173.3
December 4, 2006
FIGURE 27. HARMONICS DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (1/2 IS)
FIGURE 28. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (FULL IS)
FIGURE 29. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (3/4 IS)
FIGURE 30. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (1/2 IS)
FIGURE 31. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (FULL IS)
FIGURE 32. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE (3/4 IS)
Typical Performance Curves (Continued)
HD2
VS = ±12V
FREQ = 1MHz
AV = 5
RL = 100Ω
RF = 3kΩ
HD3
THD
DIFFERENTIAL VOP-P
VS = ±6V
FREQ = 1MHz
AV = 5
RL = 100Ω
RF = 3kΩ
THD
HD2
HD3
DIFFERENTIAL VOP-P
VS = ±6V
FREQ = 1MHz
AV = 5
RL = 100Ω
RF = 3kΩ
HD3
HD2
THD
DIFFERENTIAL VOP-P
VS = ±6V
FREQ = 1MHz
AV = 5
RL = 100Ω
RF = 3kΩ
THD
HD2
HD3
DIFFERENTIAL VOP-P
VS = ±12V
FREQ = 200kHz
AV = 5
RL = 100Ω
RF = 3kΩ
THD
HD2
HD3
DIFFERENTIAL VOP-P
THD
HD3
HD2
VS = ±12V
FREQ = 200kHz
AV = 5
RL = 100Ω
RF = 3kΩ
DIFFERENTIAL VOP-P
ISL1532


유사한 부품 번호 - ISL1532IVEZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1532IVEZ-T7 RENESAS-ISL1532IVEZ-T7 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

유사한 설명 - ISL1532IVEZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com