전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC7083 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 ILC7083
상세설명  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  ILC7083 Datasheet HTML 1Page - Fairchild Semiconductor ILC7083 Datasheet HTML 2Page - Fairchild Semiconductor ILC7083 Datasheet HTML 3Page - Fairchild Semiconductor ILC7083 Datasheet HTML 4Page - Fairchild Semiconductor ILC7083 Datasheet HTML 5Page - Fairchild Semiconductor ILC7083 Datasheet HTML 6Page - Fairchild Semiconductor ILC7083 Datasheet HTML 7Page - Fairchild Semiconductor ILC7083 Datasheet HTML 8Page - Fairchild Semiconductor ILC7083 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ILC7083/ILC7084
REV. 1.0.9 1/28/03
5
Operation
The ILC7083/ILC7084 LDO design is based on an advanced
circuit configuration for which patent protection has been
applied. Typically it is very difficult to drive a capacitive out-
put with an amplifier. The output capacitance produces a
pole in the feedback path, which upsets the carefully tailored
dominant pole of the internal amplifier. Traditionally the
pole of the output capacitor has been “eliminated” by reduc-
ing the output impedance of the regulator such that the pole
of the output capacitor is moved well beyond the gain band-
width product of the regulator. In practice, this is difficult to
do and still maintain high frequency operation. Typically the
output impedance of the regulator is not simply resistive,
such that the reactive output impedance interacts with the
reactive impedance of the load resistance and capacitance.
In addition, it is necessary to place the dominant pole of
the circuit at a sufficiently low frequency such that the gain
of the regulator has fallen below unity before any of the
complex interactions between the output and the load occur.
The ILC7083/ILC7084 does not try to eliminate the output
pole, but incorporates it into the stability scheme. The load
and output capacitor forms a pole, which rolls off the gain of
the regulator below unity. In order to do this the output
impedance of the regulator must be high, looking like a
current source. The output stage of the regulator becomes a
transconductance amplifier, which converts a voltage to a
current with a substantial output impedance. The circuit
which drives the transconductance amplifier is the error
amplifier, which compares the regulator output to the band
gap reference and produces an error voltage as the input to
the transconductance amplifier. The error amplifier has a
dominant pole at low frequency and a “zero” which cancels
out the effects of the pole. The zero allows the regulator
to have gain out to the frequency where the output pole
continues to reduce the gain to unity. The configuration of
the poles and zero are shown in Figure 1. Instead of power-
ing the critical circuits from the unregulated input voltage,
the CMOS RF LDO powers the internal circuits such as the
bandgap, the error amplifier and most of the transconduc-
tance amplifier from the boot strapped regulated output
voltage of the regulator. This technique offers extremely high
ripple rejection and excellent line transient response.
Figure 1. ILC7083/ILC7084 RF LDO Frequency Response
A block diagram of the regulator circuit used in the ILC7083
is shown in Figure 2, which shows the input-to-output isola-
tion and the cascaded sequence of amplifiers that implement
the pole-zero scheme outlined above.
The ILC7083/ILC7084 is designed in a CMOS process with
some minor additions, which allow the circuit to be used at
input voltages up to 13V. The resulting circuit exceeds the
frequency response of traditional bipolar circuits. The
ILC7083/ILC7084 is very tolerant of output load conditions
with the inclusion of both short circuit and thermal overload
protection. The device has a very low dropout voltage,
typically a linear response of 1mV per milliamp of load
current, and none of the quasi-saturation characteristics of a
bipolar output devices. All the good features of the frequency
response and regulation are valid right to the point where the
regulator goes out of regulation in a 4 millivolt transition
region. Because there is no base drive, the regulator is
capable of providing high current surges while remaining in
regulation. This is shown in the high peak current of 500mA
which allows for the ILC7083/ILC7084 to be used in
systems that require short burst mode operation.
DOMINANT POLE
OUTPUT POLE
85 dB
COMPENSATING
ZERO
UNITY GAIN
FREQUENCY


유사한 부품 번호 - ILC7083

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

유사한 설명 - ILC7083

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com