전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC7083 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 ILC7083
상세설명  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  ILC7083 Datasheet HTML 1Page - Fairchild Semiconductor ILC7083 Datasheet HTML 2Page - Fairchild Semiconductor ILC7083 Datasheet HTML 3Page - Fairchild Semiconductor ILC7083 Datasheet HTML 4Page - Fairchild Semiconductor ILC7083 Datasheet HTML 5Page - Fairchild Semiconductor ILC7083 Datasheet HTML 6Page - Fairchild Semiconductor ILC7083 Datasheet HTML 7Page - Fairchild Semiconductor ILC7083 Datasheet HTML 8Page - Fairchild Semiconductor ILC7083 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.fairchildsemi.com
REV. 1.0.9 1/28/03
Features
• Ultra low 1mV dropout per 1mA load
• 3% output voltage accuracy
• Only 40µVRMS noise
• Uses low ESR ceramic output capacitor to minimize noise
and output ripple
• Only 100µA ground current at 100mA load
• Ripple rejection up to 85dB at 1kHz, 60dB at 1MHz
• Excellent line and load transient response
• Over current / over temperature protection
• Guaranteed to 150mA output current
• Industry standard five lead SOT-23 package
• Fixed 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 5V output
voltage for ILC7083 and adjustable output voltage for
ILC7083/ILC7084
• Metal mask option available for custom voltages between
2.5V and 5.1V
Applications
• Cellular phones
• Wireless communicators
• PDAs / palmtops / organizers
• Battery powered portable electronics
Description
The ILC7083/ILC7084 is a 150mA low dropout (LDO)
voltage regulator designed to provide a high performance
solution to low power systems. The device offers a typical
combination of low dropout and low quiescent current
expected of CMOS parts, while uniquely providing the low
noise and high ripple rejection characteristics usually only
associated with bipolar LDO regulators.
The device has been optimized to meet the needs of modern
wireless communications design; Low noise, low dropout,
small size, high peak current, high noise immunity.
The ILC7083/ILC7084 is designed to make use of low cost
ceramic capacitors while outperforming other devices that
require tantalum capacitors.
As opposed to ILC7084, the ILC7083 has a built in output
capacitor discharge circuit active in shutdown mode. This
feature is necessary in applications where the output voltage
must decrease quickly to zero volt in shutdown mode.
Typical Applications
ILC7083
54
12
3
ON
OFF
SOT-23-5
V
OUT
V
IN
C
IN
C
OUT
C
NOISE
ILC7083/ILC7084
150mA SOT-23 Low Noise CMOS RF-LDO™
Regulator


유사한 부품 번호 - ILC7083

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

유사한 설명 - ILC7083

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com