전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC5062M28X 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 ILC5062M28X
상세설명  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062M28X 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  ILC5062M28X Datasheet HTML 1Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 2Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 3Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 4Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 5Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 6Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 7Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 8Page - Fairchild Semiconductor ILC5062M28X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 2.2 8/14/02
8
PRODUCT SPECIFICATION
ILC5062
Ordering Information
PART
NUMBER
TOP
MARKING
RESET
THRESHOLD (V)
OUTPUT
TYPE
PACKAGE
PACKING
METHOD
ILC5062AM23X
C3AY
2.3 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM24X
C4AY
2.4 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM25X
C5AY
2.5 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM26X
C6AY
2.6 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM27X
C7AY
2.7 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM28X
C8AY
2.8 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM29X
C9AY
2.9 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM30X
D0AY
3.0 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM31X
D1AY
3.1 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM37X
D7AY
3.7 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM44X
E4AY
4.4 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM46X
E6AY
4.6 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M23X
C3Y
2.3 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M24X
C4Y
2.4 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M25X
C5Y
2.5 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M26X
C6Y
2.6 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M27X
C7Y
2.7 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M28X
C8Y
2.8 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M29X
C9Y
2.9 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M30X
D0Y
3.0 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M31X
D1Y
3.1 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M37X
D7Y
3.7 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M44X
E4Y
4.4 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M46X
E6Y
4.6 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
Note 1: Last digit in the "Top Marking" information (represented by "Y" in the above table) represents internal assembly lot
number
Note 2: Orientation of Tape & Reeled devices is Right.


유사한 부품 번호 - ILC5062M28X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5062M-26 IMPALA-ILC5062M-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-27 IMPALA-ILC5062M-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-28 IMPALA-ILC5062M-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-29 IMPALA-ILC5062M-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-31 IMPALA-ILC5062M-31 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

유사한 설명 - ILC5062M28X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com