전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC5062M37X 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 ILC5062M37X
상세설명  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062M37X 데이터시트(HTML) 9 Page - Fairchild Semiconductor

  ILC5062M37X Datasheet HTML 1Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 2Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 3Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 4Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 5Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 6Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 7Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 8Page - Fairchild Semiconductor ILC5062M37X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
8/14/02 0.0m 001
Stock#DSxxxxxxxx
2002 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
ILC5062
PRODUCT SPECIFICATION
Note 1: Last digit in the "Top Marking" information (represented by "Y" in the above table) represents internal assembly lot
number
Note 2: Orientation of Tape & Reeled devices is Right.
Ordering Information
PART
NUMBER
TOP
MARKING
RESET
THRESHOLD (V)
OUTPUT
TYPE
PACKAGE
PACKING
METHOD
ILC5062AIC23X
C3AY
2.3 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC24X
C4AY
2.4 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC25X
C5AY
2.5 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC26X
C6AY
2.6 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC27X
C7AY
2.7 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC28X
C8AY
2.8 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC29X
C9AY
2.9 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC30X
D0AY
3.0 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC31X
D1AY
3.1 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC37X
D7AY
3.7 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC44X
E4AY
4.4 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062AIC46X
E6AY
4.6 ± 1 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC23X
C3Y
2.3 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC24X
C4Y
2.4 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC25X
C5Y
2.5 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC26X
C6Y
2.6 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC27X
C7Y
2.7 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC28X
C8Y
2.8 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC29X
C9Y
2.9 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC30X
D0Y
3.0 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC31X
D1Y
3.1 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC37X
D7Y
3.7 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC44X
E4Y
4.4 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R
ILC5062IC46X
E6Y
4.6 ± 2 %
Push-Pull, active low
3-Pin, SC70
3K units in T&R


유사한 부품 번호 - ILC5062M37X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5062M-26 IMPALA-ILC5062M-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-27 IMPALA-ILC5062M-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-28 IMPALA-ILC5062M-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-29 IMPALA-ILC5062M-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-31 IMPALA-ILC5062M-31 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

유사한 설명 - ILC5062M37X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com