전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF511 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRF511
상세설명  N-Channel Power MOSFETs, 5.5 A, 60-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF511 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRF511 Datasheet HTML 1Page - Fairchild Semiconductor IRF511 Datasheet HTML 2Page - Fairchild Semiconductor IRF511 Datasheet HTML 3Page - Fairchild Semiconductor IRF511 Datasheet HTML 4Page - Fairchild Semiconductor IRF511 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


유사한 부품 번호 - IRF511

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
IRF511 SUTEX-IRF511 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Harris Corporation
IRF511 HARRIS-IRF511 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF511 ISC-IRF511 Datasheet
45Kb / 2P
   isc N-Channel Mosfet Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF511 ARTSCHIP-IRF511 Datasheet
374Kb / 5P
   N-Channel Power Mosfets
logo
List of Unclassifed Man...
IRF511 ETC2-IRF511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - IRF511

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRF140-143 FAIRCHILD-IRF140-143 Datasheet
146Kb / 5P
   N-Channel Power MOSFETs, 27 A, 60-100V
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
logo
Shindengen Electric Mfg...
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 30A, N-channel
P50LF10SL SHINDENGEN-P50LF10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 50A, N-channel
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 19A, N-channel
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 23A, N-channel
P32LF10SLK SHINDENGEN-P32LF10SLK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 32A, N-channel
P40B10SL SHINDENGEN-P40B10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
logo
Texas Instruments
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
logo
Shindengen Electric Mfg...
P88FP10SNK SHINDENGEN-P88FP10SNK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 88A, N-channel
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com