전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF842 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 IRF842
상세설명  N-Channel Power MOSFETs, 8A, 450 V/500V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF842 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  IRF842 Datasheet HTML 1Page - Fairchild Semiconductor IRF842 Datasheet HTML 2Page - Fairchild Semiconductor IRF842 Datasheet HTML 3Page - Fairchild Semiconductor IRF842 Datasheet HTML 4Page - Fairchild Semiconductor IRF842 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


유사한 부품 번호 - IRF842

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
IRF842 MOTOROLA-IRF842 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
International Rectifier
IRF842 IRF-IRF842 Datasheet
544Kb / 8P
   TRANSISTORS N-CHANNEL
logo
Inchange Semiconductor ...
IRF842 ISC-IRF842 Datasheet
68Kb / 3P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF842 ARTSCHIP-IRF842 Datasheet
271Kb / 5P
   N-Channel Power MOSFETs
More results

유사한 설명 - IRF842

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Fairchild Semiconductor
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
New Jersey Semi-Conduct...
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
   8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P8F28HP2 SHINDENGEN-P8F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 8A, N-channel
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com