전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21090BFB875Z-TK 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL21090BFB875Z-TK
상세설명  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB875Z-TK 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL21090BFB875Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB875Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL21090
2
FN6993.5
February 27, 2013
Pin Configuration
ISL21090
(8 LD SOIC)
TOP VIEW
1
2
3
4
DNC
GND
VOUT
TRIM
6
8
7
5
DNC
DNC
COMP
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 7, 8
DNC
Do Not Connect
2
VIN
Input Voltage Connection
3
COMP
Compensation and Noise Reduction Capacitor
4
GND
Ground Connection
5
TRIM
Voltage Reference Trim input
6
VOUT
Voltage Reference Output
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT OPTION
(V)
GRADE
(%)
TEMPCO
(ppm/°C)
TEMP RANGE
(°C)
PACKAGE
TAPE & REEL
(Pb-Free)
PKG.
DWG. #
ISL21090BFB812Z-TK
21090 BFZ12
1.25
0.03
7
-40 to +125
8 Ld SOIC
M8.15E
ISL21090BFB825Z-TK
21090 BFZ25
2.5
0.02
7
-40 to +125
8 Ld SOIC
M8.15E
ISL21090BFB850Z-TK
21090 BFZ50
5.0
0.025
7
-40 to +125
8 Ld SOIC
M8.15E
ISL21090BFB875Z-TK
21090 BFZ75
7.5
0.035
7
-40 to +125
8 Ld SOIC
M8.15E
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21090B12, ISL21090B25, ISL21090B50, ISL21090B75. For more
information on MSL please see Tech Brief TB363.


유사한 부품 번호 - ISL21090BFB875Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Renesas Technology Corp
ISL21090BFB875Z-TK RENESAS-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results

유사한 설명 - ISL21090BFB875Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com