전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4812BDY 데이터시트(PDF) 11 Page - Vishay Siliconix

부품명 SI4812BDY
상세설명  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4812BDY 데이터시트(HTML) 11 Page - Vishay Siliconix

Back Button SI4812BDY Datasheet HTML 7Page - Vishay Siliconix SI4812BDY Datasheet HTML 8Page - Vishay Siliconix SI4812BDY Datasheet HTML 9Page - Vishay Siliconix SI4812BDY Datasheet HTML 10Page - Vishay Siliconix SI4812BDY Datasheet HTML 11Page - Vishay Siliconix SI4812BDY Datasheet HTML 12Page - Vishay Siliconix SI4812BDY Datasheet HTML 13Page - Vishay Siliconix SI4812BDY Datasheet HTML 14Page - Vishay Siliconix SI4812BDY Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Vishay Siliconix
SiC414, SiC424
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
www.vishay.com
11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
power-save enabled. The SiC414 ultrasonic power-save
operation maintains a minimum switching frequency of
25 kHz, for applications with stringent audio requirements.
When EN/PSV is high (above 45 % of the voltage at V5V) for
SiC424, the switching regulator turns on with power-save
enabled. The SiC424 power-save operation is designed to
maximize efficiency at light loads with no minimum frequency
limits. This makes the SiC424 an excellent choice for
portable and battery-operated systems.
The ENL input is used to control the internal LDO. This input
provides a second function by acting as a VIN ULVO sensor
for the switching regulator. When ENL is low (grounded), the
LDO is off. When ENL is a logic high but below the VIN UVLO
threshold (2.6 V typical), then the LDO is on and the switcher
is off. When ENL is above the VIN UVLO threshold, the LDO
is enabled and the switcher is also enabled if the EN/PSV pin
is not grounded.
Forced Continuous Mode Operation
The SiC414 and SiC424 operates the switcher in Forced
Continuous Mode (FCM) by floating the EN/PSV pin (see
figure 4). In this mode of operation, the MOSFETs are turned
on alternately to each other with a short dead time between
them to avoid cross conduction. This feature results in
uniform frequency across the full load range with the
trade-off being poor efficiency at light loads due to the
high-frequency switching of the MOSFETs.
For V5V < 4.5 V, it is recommended to force 33 % of the V5V
voltage on the EN/PSV pin to operate in forced continuous
mode.
Ultrasonic Power-Save Operation (SiC414)
The SiC414 provides ultrasonic power-save operation at
light loads, with the minimum operating frequency fixed at
slightly under 25 kHz. This is accomplished by using an
internal timer that monitors the time between consecutive
high-side gate pulses. If the time exceeds 40 µs, DL drives
high to turn the low-side MOSFET on. This draws current
from VOUT through the inductor, forcing both VOUT and VFB
to fall. When VFB drops to the 750 mV threshold, the next DH
(the drive signal for the high side FET) on-time is triggered.
After the on-time is completed the high-side MOSFET is
turned off and the low-side MOSFET turns on. The low-side
MOSFET remains on until the inductor current ramps down
to zero, at which point the low-side MOSFET is turned off.
Because the on-times are forced to occur at intervals no
greater than 40 µs, the frequency will not fall far below
25 kHz. Figure 5 shows ultrasonic power-save operation.
Power-Save Mode Operation (SiC424)
The SiC424 provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors the
inductor current via the voltage across the low-side MOSFET
during the off-time. If the inductor current falls to zero for 8
consecutive
switching
cycles,
the
controller
enters
power-save operation. It will turn off the low-side MOSFET
on each subsequent cycle provided that the current crosses
zero. At this time both MOSFETs remain off until VFB drops
to the 750 mV threshold. Because the MOSFETs are off , the
load is supplied by the output capacitor. If the inductor
current does not reach zero on any switching cycle, the
controller immediately exits powersave and returns to forced
continuous mode. Figure 6 shows power-save mode
operation at light loads.
Figure 4 - Forced Continuous Mode Operation
FB ripple
voltage (VFB)
Inductor
current
DC load current
FB threshold
(750 mV)
DH
DL
On-time
(tON)
DH on-time is triggered when
VFB reaches the FB threshold
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 5 - Ultrasonic Power-Save Operation
After the 40 μs time - out, DL drives high if VFB has not reached the FB threshold


유사한 부품 번호 - SI4812BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4812BDY VISHAY-SI4812BDY Datasheet
251Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
Si4812BDY VISHAY-Si4812BDY Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SI4812BDY VISHAY-SI4812BDY Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
187Kb / 8P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

유사한 설명 - SI4812BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com